Electronic Components Datasheet Search
  English  ▼

X  

AN3118 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 13Page - STMicroelectronics AN3118 Datasheet HTML 14Page - STMicroelectronics AN3118 Datasheet HTML 15Page - STMicroelectronics AN3118 Datasheet HTML 16Page - STMicroelectronics AN3118 Datasheet HTML 17Page - STMicroelectronics AN3118 Datasheet HTML 18Page - STMicroelectronics AN3118 Datasheet HTML 19Page - STMicroelectronics AN3118 Datasheet HTML 20Page - STMicroelectronics AN3118 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN3118
Test results and significant waveforms
Doc ID 16847 Rev 2
17/31
It is also possible to see, comparing Figure 24 and 25, that the input current of the latter has
a better shape and the 3rd harmonic current distortion is not noticeable; this demonstrates
the benefits of the new voltage feed-forward circuit integrated in the L6563H, allowing a fast
response to mains disturbances to be obtained but using a reasonably long VFF time
constant also provides very low THD and high PF at the same time, as confirmed by the
measurements in Figure 24 and 25:
Another function integrated in the L6563H is brown-out protection, which is basically a not-
latched shutdown function that must be activated when a mains under voltage condition is
detected. This abnormal condition may cause overheating of the primary power section due
to an excess of RMS current. Brown-out can also cause the PFC pre-regulator to work
open-loop and this could be dangerous to the PFC stage itself and the downstream
converter, should the input voltage return abruptly to its rated value. Another problem is the
spurious restarts that may occur during converter power down and that cause the output
voltage of the converter not to decay to zero monotonically. For these reasons it is usually
preferable to shutdown the device in case of brown-out.
Brown-out function is done by sensing the input mains through an internal comparator
connected to the RUN pin (#12), connected via a divider to the VFF pin (#5), which delivers a
voltage signal proportional to the input mains. The enable and disable thresholds at which
the L6563H starts or stops the operation can be adjusted by modifying that divider ratio. For
additional information please see [2].
Figure 24.
L6563 input current at 100 Vac - 50
Hz CFF=0.47 µF, RFF=390 kΩ
Figure 25.
EVL6563H-250 W TM PFC input
current at 100 Vac - 50 Hz CFF=1 µF,
RFF=1 M
Ω
THD= 4.36 %, 3rd harmonic=94.6 mA
CH2: MULT (pin #3)
CH3: VFF (pin #5)
CH4: I_AC
THD= 2.94 %, 3rd harmonic=30.5 mA
CH2: MULT (pin #3)
CH3: VFF (pin #5)
CH4: I_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com