Electronic Components Datasheet Search
  English  ▼

X  

AN3223 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 7Page - STMicroelectronics AN3223 Datasheet HTML 8Page - STMicroelectronics AN3223 Datasheet HTML 9Page - STMicroelectronics AN3223 Datasheet HTML 10Page - STMicroelectronics AN3223 Datasheet HTML 11Page - STMicroelectronics AN3223 Datasheet HTML 12Page - STMicroelectronics AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN3223
Operation modes
Doc ID 17553 Rev 2
11/29
5
Operation modes
5.1
Shutdown mode
Shutdown mode is entered after the Power-ON reset. This mode is mainly used to decrease
the power consumption of the device. In this mode, only the I2C interface is live. The only
action which can be performed in Shutdown mode is to access the COMMAND and
FEATURE registers. Entering Shutdown mode by writing to the COMMAND register aborts
any running operation and clears the values of the FLASH, AUX_LED, STATUS, and
TORCH registers. The COMMAND and FEATURE register values are not affected by
entering Shutdown mode, but an attempt to read their value always gives 0 when the bit
PWR_ON = 0.
The following data must be written to the COMMAND register to enter Shutdown mode.
5.2
Monitoring mode
The super-capacitor voltage is monitored by a comparator in this mode. The comparator is
the only analog circuit which is enabled and that is why the consumption of the STCF04 is
minimized in this mode. Information about the super-capacitor voltage is given by the logic
level on the READY pin. If the voltage is higher than VDCTHRESHOLD, the READY pin is low.
When the voltage falls by 200 mV below the VDCTHRESHOLD, the READY pin goes high. The
level of the VDCTHRESHOLD can be set by the VDC_0 and VDC_1 bits in the FEATURE
register.
Monitoring mode can be entered from Shutdown mode by setting the MONTR bit in the
COMMAND register to 1.
Table 3.
COMMAND register data for entering Shutdown mode
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
0
x
xxxx
0
0
MSB
LSB
Table 4.
VDCTHRESHOLD voltage setup
VDC_1
VDC_0
VDCTHRESHOLD
00
4.5 V
01
5.0 V
10
5.5 V
Table 5.
COMMAND register data for entering Monitoring mode
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
0
x
xxxx
1
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com