Electronic Components Datasheet Search
  English  ▼

X  

AN3223 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics AN3223 Datasheet HTML 17Page - STMicroelectronics AN3223 Datasheet HTML 18Page - STMicroelectronics AN3223 Datasheet HTML 19Page - STMicroelectronics AN3223 Datasheet HTML 20Page - STMicroelectronics AN3223 Datasheet HTML 21Page - STMicroelectronics AN3223 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
READY pin
AN3223
18/29
Doc ID 17553 Rev 2
7
READY pin
It is an open drain output, which provides information about the voltage on the super-
capacitor. The signal is active low. The behavior of this pin depends on the mode of
operation.
7.1
Function of the READY pin in Monitoring mode and Torch
mode (fixed)
The threshold for the transition from high to low level is defined by the VDCTHRESHOLD
voltage in this case. This voltage is set by the VDC_0 and VDC_1 bits in the FEATURE
register. The comparator works with a fixed hysteresis of 200 mV in this case, so the
transition from low to high level occurs when the voltage of the super-capacitor falls to
VDCTHRESHOLD - 0.2 V.
7.2
Function of the READY pin in Flash mode
The threshold for the transition from high to low level is defined by the VDCTHRESHOLD
voltage again. Unlike Monitoring mode, the transition from low to high occurs when the
super-capacitor voltage falls to 4.2 V. This threshold is fixed and cannot be changed by any
settings of the registers.
Figure 9.
READY pin behavior in Monitoring mode and Torch mode (fixed)
200 mV
V
DCTHRESHOLD
READY pin level
V
SUPERCAP
200 mV
V
DCTHRESHOLD
READY pin level
V
SUPERCAP
AM07803v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com