Electronic Components Datasheet Search
  English  ▼

X  

AN3223 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics AN3223 Datasheet HTML 17Page - STMicroelectronics AN3223 Datasheet HTML 18Page - STMicroelectronics AN3223 Datasheet HTML 19Page - STMicroelectronics AN3223 Datasheet HTML 20Page - STMicroelectronics AN3223 Datasheet HTML 21Page - STMicroelectronics AN3223 Datasheet HTML 22Page - STMicroelectronics AN3223 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN3223
READY pin
Doc ID 17553 Rev 2
19/29
7.3
Function of the READY pin in Torch mode (optimized)
The threshold for the transition from high to low level is 4.2 V in this case. It is a fixed
threshold, which cannot be changed by any settings of the registers. The transition from low
to high occurs when the voltage on the LEDIN pin falls to 300 mV, which is the optimum
value from an efficiency point of view.
Figure 10.
READY pin behavior in Flash mode
READY pin level
V
DCTHRESHOLD
V
SUPERCAP
4.2 V
READY pin level
V
DCTHRESHOLD
V
SUPERCAP
4.2 V
AM07804v1
Figure 11.
READY pin behavior in Torch mode optimized
READY pin level
V
FWDLED + 300 mV
V
SUPERCAP
4.2 V
READY pin level
V
FWDLED + 300 mV
V
SUPERCAP
4.2 V
AM07805v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com