Electronic Components Datasheet Search
  English  ▼

X  

AN3223 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics AN3223 Datasheet HTML 17Page - STMicroelectronics AN3223 Datasheet HTML 18Page - STMicroelectronics AN3223 Datasheet HTML 19Page - STMicroelectronics AN3223 Datasheet HTML 20Page - STMicroelectronics AN3223 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3223
The STATUS register and the ATN pin
Doc ID 17553 Rev 2
17/29
6
The STATUS register and the ATN pin
A detailed description of each bit is given in the STCF04 datasheet.
When the STATUS register is latched, reading and writing to the registers is still possible,
but the bits FLASH_ON and TCH_ON in the COMMAND register and AUXL register cannot
be changed until the device is unlatched. It is necessary to read the STATUS register to
unlatch the device.
The ATN pin is also pulled down when the internal timer reaches zero in Flash mode. In this
case the ATN pin is pulled down for 11 µs only. It is recommended to connect the ATN pin to
the interrupt input of the microcontroller. If it is not connected to the interrupt input, the ATN
pin should be polled fast enough so as not to miss the 11 µs pulse; e.g., by a programming
loop which is entered after starting Flash mode. This loop runs until the ATN pin gets low. It
is recommended to make a timeout of such a loop.
The ATN pin is an open drain output and an external pull-up resistor should be connected to
it. The ATN pin is capable of sinking a maximum 3 mA current. This is why the minimum
value of the pull-up resistor connected to it should not be lower than 1.8 k
Ω.
Table 11.
STATUS register bits
Bit name
N/A
F_RUN
FL_R
NTC_W
NTC_H
OT_F
FL_OVR
LTH
MSB
LSB
Table 12.
Effect of the STATUS register bits on the operation of the device
Bit name
F_RUN
STAT_REG
FL_R
STAT_REG
NTC_W
STAT_REG
NTC_H
STAT_REG
OT_F
STAT_REG
FL_OVR
STAT_REG
LTH
STAT_REG
Default
value
00
0
0
0
0
0
Latched (1)
NO
NO
YES
YES
YES
NO
NO
Forces
Ready mode
when set
NO
NO
NO
YES
YES
NO
NO
Sets ATN
LOW when
set
NO
YES
YES
YES
YES
YES
NO
1.
YES means that the bit is set by internal signals and is reset to its default value by an I²C read operation of STAT_REG.
NO means that the bit is set and reset by internal signals in real-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com