Electronic Components Datasheet Search
  English  ▼

X  

AN3223 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 8Page - STMicroelectronics AN3223 Datasheet HTML 9Page - STMicroelectronics AN3223 Datasheet HTML 10Page - STMicroelectronics AN3223 Datasheet HTML 11Page - STMicroelectronics AN3223 Datasheet HTML 12Page - STMicroelectronics AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Operation modes
AN3223
12/29
Doc ID 17553 Rev 2
Note:
Monitoring mode can be also entered from Idle mode, but the device has a greater power
consumption in this case.
5.3
Idle mode
Idle mode allows accessing of all the internal registers. The NTC feature can be activated in
this mode and the temperature of the LED can be sensed by the A/D converter of the
microcontroller. The following data must be written to the COMMAND register to enter Idle
mode.
5.4
NTC feature
The NTC feature can be used in all modes. The NTC is activated automatically in the Flash
and Torch mode regardless of the value of the NTC_ON bit. NTC must be activated
manually in all the other modes.
The NTC feature is activated by setting the NTC_ON bit in the COMMAND register to 1.
As soon as the NTC feature is activated, the internal switch connects the NTC resistor to the
RX resistor, thereby creating a voltage divider. The voltage on this divider can be, if desired,
monitored by the A/D converter of the microcontroller. An external voltage reference must be
connected to the NTC to use this feature. The bits NTC_W and NTC_H of the STATUS
register are not properly set if there is no external reference voltage connected to the NTC.
If the NTC feature is not going to be used, neither the negative thermistor nor the external
reference needs to be connected. In this case, it is recommended to ground the RX pin. As
the NTC feature is automatically activated during Flash and Torch mode, leaving the RX pin
floating could lead to unwanted interruptions of the light due to non-defined voltage on the
RX pin.
If the NTC feature is activated and the PWR_ON bit in the COMMAND register is zero, the
bits NTC_W and NTC_H in the STATUS register are not set properly, because the
comparators which determine their values are not enabled in this case. But it is still possible
to measure the voltage on the NTC pin through the A/D converter.
Table 8 summarizes the NTC feature possibilities.
Table 6.
COMMAND register data for entering Idle mode
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
100
x
x
0
0
0
MSB
LSB
Table 7.
COMMAND register data for activation of the NTC feature
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
xxx
1
x
x
x
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com