Electronic Components Datasheet Search
  English  ▼

X  

AN4027 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics AN4027 Datasheet HTML 12Page - STMicroelectronics AN4027 Datasheet HTML 13Page - STMicroelectronics AN4027 Datasheet HTML 14Page - STMicroelectronics AN4027 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID022604 Rev 3
11/41
AN4027
Main characteristics and circuit description
41
lags behind the latter (Inductive mode operation). If the phase shift approaches zero, which
is indicative of impending capacitive mode operation, the monitoring circuit activates the
overload procedure described above so that the resulting frequency rise keeps the
converter away from that dangerous condition. Also in this case, the DELAY pin is activated,
so that the OLP function, if used, is eventually tripped after a time TSH causing intermittent
operation and reducing thermal stress.
If the phase relationship reverses abruptly (which may happen in the case of dead short at
the converter's output), the L6699 is stopped immediately, the soft-start capacitor C18 is
totally discharged and a new soft-start cycle is initiated after 50 µs idle time. During this idle
period the PFC_STOP pin is pulled low to stop the PFC stage as well.
1.7
Output voltage feedback loop
The feedback loop is implemented by means of a typical circuit using the dedicated
operational amplifier of the TSM1014A modulating the current in the optocoupler diode. The
second operational amplifier embedded in the TSM1014A, usually dedicated to constant
current regulation, is here utilized for burst mode as previously described.
On the primary side, R34 and D17 connect the RFMIN pin (pin 4) to the optocoupler's photo
transistor closing the feedback loop. R31, which connects the same pin to ground, sets the
minimum switching frequency. The RC series R44 and C18 sets both soft-start maximum
frequency and duration.
1.8
Open loop protection
Both circuit stages, PFC and resonant, are equipped with their own overvoltage protection.
The PFC controller L6563H monitors its output voltage via the resistor divider connected to
a dedicated pin (PFC_OK, pin 7) protecting the circuit in case of loop failures or
disconnection. If a fault condition is detected, the internal circuitry latches the L6563H
operations and, by means of the PWM_LATCH pin (pin 8), it latches the L6699 as well via
the DIS pin (pin 8). The converter is kept latched by the L6563H internal HV startup circuit
that supplies the IC by charging the VCC capacitor periodically. To resume converter
operation, mains restart is necessary. The LLC open loop protection is realized by
monitoring the output voltage through sensing the VCC voltage. If VCC voltage overrides the
D12 breakdown voltage, Q9 pulls down the L6563H INV pin latching the converter. Even in
this case, to resume converter operation, mains restart is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com