Electronic Components Datasheet Search
  English  ▼

X  

AN4027 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 15Page - STMicroelectronics AN4027 Datasheet HTML 16Page - STMicroelectronics AN4027 Datasheet HTML 17Page - STMicroelectronics AN4027 Datasheet HTML 18Page - STMicroelectronics AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID022604 Rev 3
19/41
AN4027
Functional check
41
In Figure 14 and Figure 15 the same images are captured during light load operation: note
that because of the resonant tank parameters, the half bridge transitions have similar rise
and fall times because the switched current is almost the same value in both load
conditions. In this case, the L6699 does not appreciably change the deadtime. In all
conditions it can be noted that both MOSFETs are turned on while resonant current is
flowing through their body diodes and drain-source voltage is zero, therefore achieving the
MOSFETs ZVS operation at turn-on.
In Figure 16 some signals at L6699 pins are measured. It can be seen that the signal on the
ISEN pin (#6) matches the instantaneous current flowing in the transformer primary side.
Contrary to the former resonant controllers such as the L6599A and others, requiring an
integration of current signal, the L6699 integrates the anti-capacitive mode protection,
therefore it needs to sense the instantaneous value of the current in order to check the
phase between the voltage and current. The LINE pin (#7) has been dimensioned to start up
the L6699 once the PFC output voltage has reached the rated value, in order to have
correct converter sequencing, with PFC starting first and LLC starting later in order to
Figure 14. HB transition at 0.25 A - rising edge Figure 15. HB transition at 0.25 A - falling edge
CH1: HB voltage
CH2: LVG
CH3: HVG
CH4: ISEN pin voltage
AM11407v1
CH1: HB voltage
CH2: LVG
CH3: HVG
CH4: ISEN pin voltage
AM11408v1
Figure 16. L6699 pin signals-1
Figure 17. L6699 pin signals-2
CH1: DIS
CH2: LINE
CH3: DELAY CH4: ISEN
AM11409v1
CH1: RFmin
CH2: STBY
CH3: CSS
CH4: CF
AM11410v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com