Electronic Components Datasheet Search
  English  ▼

X  

AN4027 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 14Page - STMicroelectronics AN4027 Datasheet HTML 15Page - STMicroelectronics AN4027 Datasheet HTML 16Page - STMicroelectronics AN4027 Datasheet HTML 17Page - STMicroelectronics AN4027 Datasheet HTML 18Page - STMicroelectronics AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Functional check
AN4027
18/41
DocID022604 Rev 3
4
Functional check
In Figure 10 some waveforms relevant to the resonant stage during steady-state operation
are reported. The selected switching frequency is about 120 kHz, in order to have a good
trade-off between transformer losses and dimensions. The converter operates slightly
above the resonance frequency. Figure 11 shows key signals of the SRK2000A: each
rectifier MOSFET is switched on and off according to its drain-source voltage which, during
conduction time, is the voltage of the current flowing through the MOSFET.
A peculiarity of the L6699 is the self-adaptive deadtime, modulated by the internal logic
according to the half bridge node transition time. This feature allows the maximization of the
transformer magnetizing inductance, therefore obtaining good light load efficiency and also
keeping correct operation by the HB. Figure 12 and Figure 13 show the waveforms during
full load operation. It is possible to note the measurement of the edges and the relevant
deadtime.
Figure 10. Resonant stage waveforms at 115 Vac
- 60 Hz - full load
Figure 11. SRK2000A key signals at 115 Vac - 60
Hz - full load
CH1: HB voltage
CH2: LVG pin voltage
CH3: HVG pin voltage CH4: ISEN pin voltage
AM11403v1
CH1: GD1 pin voltage CH2: DVS1 pin
CH3: GD2 pin voltage CH4: DVS2 pin
AM11404v1
Figure 12. HB transition at full load - rising edge
Figure 13. HB transition at full load - falling
edge
CH1: HB voltage CH2: LVG
CH3: HVG
CH4: ISEN pin voltage
AM11405v1
CH1: HB voltage CH2: LVG
CH3: HVG
CH4: ISEN pin voltage
AM11406v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com