Electronic Components Datasheet Search
  English  ▼

X  

AN4027 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 13Page - STMicroelectronics AN4027 Datasheet HTML 14Page - STMicroelectronics AN4027 Datasheet HTML 15Page - STMicroelectronics AN4027 Datasheet HTML 16Page - STMicroelectronics AN4027 Datasheet HTML 17Page - STMicroelectronics AN4027 Datasheet HTML 18Page - STMicroelectronics AN4027 Datasheet HTML 19Page - STMicroelectronics AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID022604 Rev 3
17/41
AN4027
Harmonic content measurement
41
3
Harmonic content measurement
The board has been tested according to the European Standard EN61000-3-2 Class-D and
Japanese standard JEITA-MITI Class-D, at both the nominal input voltage mains. As
reported in the following figures, the circuit is able to reduce the harmonics well below the
limits of both regulations.
On the bottom side of the diagrams the total harmonic distortion and power factor have
been measured too. The values in all conditions give a clear idea about the correct
functionality of the PFC.
In Figure 7 and Figure 8 the input mains current is shown at both nominal mains input
voltages, European and Japanese. At European mains the waveforms show a slightly
higher THD value because, in order to increase the efficiency, the PFC switching frequency
is limited to a value around 125 kHz. However, all harmonics are within the limits specified
by both regulations.
Figure 6. Compliance to EN61000-3-2 at 230 Vac
- 50 Hz, full load
Figure 7. Compliance to JEITA-MITI at 100 Vac -
50 Hz, full load
0.01
0.1
1
Measured value
EN61000-3-2 Class-D limits
0.0001
0.001
13579 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
AM11399v1
THD: 18.2 % - PF = 0.972
AM11400v1
0.01
0.1
1
10
Measured value
JEITA-MITI Class-D limits
0.0001
0.001
13579 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
THD: 7.5 % - PF = 0.933
Figure 8. Mains voltage and current waveforms
at 230 V - 50 Hz - full load
Figure 9. Mains voltage and current waveforms
at 100 V - 50 Hz - full load
CH1:
Mains voltage
CH2:
Mains current
AM11401v1
CH1:
Mains voltage
CH2:
Mains current
AM11402v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com