Electronic Components Datasheet Search
  English  ▼

X  

AN4027 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 20Page - STMicroelectronics AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics AN4027 Datasheet HTML 24Page - STMicroelectronics AN4027 Datasheet HTML 25Page - STMicroelectronics AN4027 Datasheet HTML 26Page - STMicroelectronics AN4027 Datasheet HTML 27Page - STMicroelectronics AN4027 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Functional check
AN4027
24/41
DocID022604 Rev 3
.
4.4
Anti-capacitive mode protection
The EVL6699-150W-SR demonstration board has been designed in such a way that the
system does not work in capacitive mode during normal operation or failure conditions. As
seen in Figure 27, even in dead short condition the LLC operates correctly in the inductive
region, the same correct operation happens during load or input voltage transients.
Normally, the resonant half bridge converter operates with the resonant tank current lagging
behind the square-wave voltage applied by the half bridge leg, like a circuit having a
reactance of an inductive nature. In this way the applied voltage and the resonant current
have the same sign at every transition of the half bridge, which is a necessary condition in
order for soft-switching to occur (zero-voltage switching, ZVS at turn-on for both MOSFETs).
Therefore, should the phase relationship reverse, i.e. the resonant tank current leads the
applied voltage, such as in circuits having a capacitive reactance, soft-switching would be
lost. This is termed capacitive mode operation and must be avoided because of its
significant drawbacks:
1.
Both MOSFETs feature hard-switching at turn-on, like in conventional PWM-controlled
converters (see Figure 14). The associated capacitive losses may be considerably
higher than the total power normally dissipated under “soft-switching” conditions and
this may easily lead to their overheating, as heatsinking is not usually sized to handle
this abnormal condition.
2.
The body diode of the MOSFET just switched off conducts current during the deadtime
and its voltage is abruptly reversed by the other MOSFET turned on (see Figure 14).
Therefore, the conducting body diode (which does not generally have great reverse
recovery characteristics) keeps its low impedance until it recovers, and so originating
a condition equivalent to a shoot-through of the half bridge leg. This is a potentially
destructive condition (see point 3) and causes additional power dissipation due to the
current and voltage of the conducting body diode simultaneously high during part of its
recovery.
3.
There is an extremely high reverse dv/dt (many tens of V/ns!) experienced by the
conducting body diode at the end of its recovery with the other MOSFET turned on.
This dv/dt may exceed the rating of the MOSFET and lead to an immediate failure
because of the second breakdown of the parasitic BJT intrinsic in its structure. If
Figure 28. Short-circuit - hiccup mode
CH1: HB voltage
CH2: DELAY
CH3: CSS
CH4: ISEN
AM11630v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com