Electronic Components Datasheet Search
  English  ▼

X  

AN4130 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 8Page - STMicroelectronics AN4130 Datasheet HTML 9Page - STMicroelectronics AN4130 Datasheet HTML 10Page - STMicroelectronics AN4130 Datasheet HTML 11Page - STMicroelectronics AN4130 Datasheet HTML 12Page - STMicroelectronics AN4130 Datasheet HTML 13Page - STMicroelectronics AN4130 Datasheet HTML 14Page - STMicroelectronics AN4130 Datasheet HTML 15Page - STMicroelectronics AN4130 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Theory of operation
AN4130
12/41
Doc ID 023315 Rev 1
The scope shots below show the result on the input current waveform.
Where:
●
Yellow = line voltage
●
Magenta = line current, 50 mA/div ref -3div
●
Blue = Voltage at ILED pin, ref -3 div
●
Green = Voltage at bottom of 4.7 µF cap on ILED pin.
2.7
Diode clamp effects on dimming
The diode-improved waveform also helps when the circuit is dimmed with a Triac, especially
at low conduction angles. The ILED pin voltage is not allowed to rise. Note how high the
ILED pin voltage (green trace) has risen in the first image, compared to the second, as the
chip attempts to regulate the average output current. The voltage on that pin directly
controls the peak FET current.
Figure 13.
70 Vrms input, no diode
Figure 14.
BAT48, ~0.3 V drop
Figure 15.
40 Vrms dimmed input, no diode
Figure 16.
40 Vrms dimmed input, BAT48
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com