Electronic Components Datasheet Search
  English  ▼

X  

AN4130 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics AN4130 Datasheet HTML 29Page - STMicroelectronics AN4130 Datasheet HTML 30Page - STMicroelectronics AN4130 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AN4130
Design guidance
Doc ID 023315 Rev 1
27/41
Figure 32.
Simplified LISN diagram
Differential impedance in the noise spectrum (150 kHz to 30 MHz) is 100
Ωline-to-line, 50 Ω
line-to-ground.
We design for peak noise at the FCC limit at 150 kHz. The design leaves some margin due
to the frequency selection. Peak-to-peak of the 2 mVrms limit is about 6 mV per line relative
to ground.
Figure 33.
Conducted EMI limits
The typical differential filter consists of 4 components. Starting at the noise source, these
are:
●
Shunt capacitor on the converter input (C3)
●
Series inductor (L1)
●
Shunt capacitor across line (C2)
●
Line impedance (in the LISN, about 100
Ω line-to-line at measurement frequencies).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com