Electronic Components Datasheet Search
  English  ▼

X  

AN4130 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Design guidance
AN4130
24/41
Doc ID 023315 Rev 1
4.7
DMG pin (R6, R7)
This single pin performs several functions; voltage limiting, zero current detection, and
correction for line voltage changes. Its operation is discussed thoroughly in the relevant
datasheet and is only summarized here. The internal circuit is also used in ST's HVLED805
and Altair chips. The datasheets and application notes for these parts offer additional insight
into the pin operation.
Design begins with compensation for the internal comparator's propagation delay. At high
line voltage the slope of FET current vs. time is higher, so for the same comparator
reference voltage the current overshoots more than at low line. This is compensated by
adding an offset proportional to line voltage to the comparator's reference input. R6, in
conjunction with an internal resistor, RFF, of about 45
Ω, decreases the peak current trip
point proportional to the line voltage. The values in the demo unit slightly overcompensate
line voltage.
The two resistors form a divider that normally sets the converter output voltage. The LED
driver uses constant-current mode - the constant-voltage circuit is used only for overvoltage
protection, such as an open load situation. On the positive swing of the output and auxiliary
windings the divided voltage is measured at the end of the transformer discharge time, and
compared to an internal 2.5 V reference by a transconductance op amp. The Vout setting
should equal the output filter capacitor's voltage rating.
The third function, zero current detection, uses the voltage at the DMG pin to measure the
duty cycle of the output diode conduction period. This is used for the internal current
regulator - the duty cycle measured here determines the FET cutoff current, indirectly
controlling output current. The divider's resistor values have very little effect on this function.
During product development, it is helpful to separate the functions. Choose a value for R7
that sets the overvoltage protection level very high (2X expected), and adjust R6 to give the
flattest current limit vs. line voltage characteristic. When the value for R6 is set, pick the
value for R7 to give the correct overvoltage protection.
4.8
Filter capacitor for Vcc
The dimming requirement sets a minimum size for this capacitor. During the dimmer's non-
conducting period the line is not present for the internal startup circuit to take over, so the
stored energy in this part is used to keep the chip alive.
At low conduction angles the capacitor is barely topped off, and it must hold the Vcc voltage
above the shut-off threshold for a half cycle. At the same time, the LEDs are operating on
very low current, and the reflected voltage is smaller than normal, and LED dependent.
The capacitor value therefore depends on the turns ratio of the auxiliary winding to the
output winding, the LED voltage at minimum conduction angle, and the shut-off threshold.
A small 10 µF low-voltage ceramic was tried, but the voltage coefficient of capacitance was
so high the part did not work in the dimming mode. Capacitance was too low to maintain
power to the chip between dimmed line pulses. High-K ceramic capacitance falls off
dramatically, well below the rated voltage. A 10 µF electrolytic was then selected - it works
well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com