Electronic Components Datasheet Search
  English  ▼

X  

AN4130 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 13Page - STMicroelectronics AN4130 Datasheet HTML 14Page - STMicroelectronics AN4130 Datasheet HTML 15Page - STMicroelectronics AN4130 Datasheet HTML 16Page - STMicroelectronics AN4130 Datasheet HTML 17Page - STMicroelectronics AN4130 Datasheet HTML 18Page - STMicroelectronics AN4130 Datasheet HTML 19Page - STMicroelectronics AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AN4130
Power converter performance
Doc ID 023315 Rev 1
17/41
3.7
Component stress
3.7.1
Thermal
The unit was mounted above the bench in free air with the narrow end (AC input) down.
Temperatures were recorded after 45 minutes of operation.
The dimmed temperatures were taken with a Triac dimmer feeding the unit. The dimmer was
adjusted to the point where the power analyzer reported greatest loss. Undimmed input
voltage was 120 Vrms. Dimmed input voltage was 108 Vrms, and conduction angle about
150 degrees.
Table 1.
Component thermal stress
Thermal stress
Undimmed
Dimmed
Efficiency
87.6%
85.7%
Power loss
1.41 W
1.56 W
Ambient
23.9c
24.9c
R1
36.7c
50.3c
R2
50.8c
73.2c
BR1
46.6c
50.6c
L2
42.1c
46.6c
U1
66.5c
78.1c
T1
56.3c
60.2c
D3
56.2c
58.7c
C11
41.9c
43.8c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com