Electronic Components Datasheet Search
  English  ▼

X  

AN4130 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4130
Description  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 16Page - STMicroelectronics AN4130 Datasheet HTML 17Page - STMicroelectronics AN4130 Datasheet HTML 18Page - STMicroelectronics AN4130 Datasheet HTML 19Page - STMicroelectronics AN4130 Datasheet HTML 20Page - STMicroelectronics AN4130 Datasheet HTML 21Page - STMicroelectronics AN4130 Datasheet HTML 22Page - STMicroelectronics AN4130 Datasheet HTML 23Page - STMicroelectronics AN4130 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Design guidance
AN4130
20/41
Doc ID 023315 Rev 1
4
Design guidance
This section, like any power design, proceeds from output to input. Please refer to the
schematic on the previous page.
4.1
The load
The converter design is optimized for a string of 18 LEDs, about 54 Vdc at a current of
175 mA.
4.2
Preload resistor (R9)
While the unit's dimmed output current lies inside the NEMA limits, performance can be
improved by adding a light preload. This reduces efficiency, but the unit's operation is much
more stable at low conduction angles.
The reason is that most dimmers rely on line voltage to set the Triac firing delay after the
zero crossing. At low conduction angles the delay is strongly dependent on line voltage. The
slightest variation is visible, because the LED light output reacts very quickly to current
changes, much more quickly than do incandescent lamps, where the filament is a thermal
reservoir that slows the lamp’s response to changes in the dimmed RMS input voltage.
The preload resistor is also required for the open-load protection to work. Without it, the
output voltage climbs until the leakage current in the output filter capacitor limits it. This
causes no short-term damage, but should be avoided.
4.3
Output filter capacitor (C11)
4.3.1
LED ripple current
LEDs require more filtering than normal loads. LEDs are diodes, and their impedance is a
function of the current through them. Typically, an LED has a dynamic impedance, or slope
resistance, of about 1/10 of the ratio of DC voltage to DC current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com