Electronic Components Datasheet Search
  English  ▼

X  

AN4163 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 18Page - STMicroelectronics AN4163 Datasheet HTML 19Page - STMicroelectronics AN4163 Datasheet HTML 20Page - STMicroelectronics AN4163 Datasheet HTML 21Page - STMicroelectronics AN4163 Datasheet HTML 22Page - STMicroelectronics AN4163 Datasheet HTML 23Page - STMicroelectronics AN4163 Datasheet HTML 24Page - STMicroelectronics AN4163 Datasheet HTML 25Page - STMicroelectronics AN4163 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Test results and significant waveforms
AN4163
22/33
DocID023658 Rev 2
case of light load and to minimize the no-load input consumption. Should the residual
consumption of the chip be an issue, it is also possible to cut down the supply voltage.
Interface circuits like those are shown in Figure 41. Needless to say, this operation assumes
that the cascaded DC-DC converter stage works as the master and the PFC stage as the
slave or, in other words, that the DC-DC stage starts first, it powers both controllers and
enables/disables the operation of the PFC stage.
Figure 41. Interface circuits that let DC-DC converter’s controller IC disable the L4984D
Table 1 summarizes all the operating conditions that cause the device to stop working.
AM13426v1
L4984D
L4984D
L6591
L6699
PFC_STOP
PFC_STOP
PFC_OK
PFC_OK
9
6
8
6
Table 1. Summary of L4984D idle states
Condition
Caused or revealed by
IC behavior
Restart condition
Typical IC
consumption
SS
activation
UVLO
Vcc < VccOff
Disabled
Vcc > VccOn
65 µA
Yes
Standby
VPFC_OK < VPFC_OK_D
Stop switching
VPFC_OK > VPFC_OK_E
2.2 mA
No
AC brownout
VVFF < VDIS
Stop switching
VVFF > VEN
1.5 mA
Yes
OVP
VPFC_OK > VPFC_OK_S
Stop switching VPFC_OK < VPFC_OK_R
2.2 mA
No
Feedback
failure
VPFC_OK > VPFC_OK_S
and
VINV < 1.66 V
Latched-off
Vcc < Vccrestart
then
Vcc > VccOn
180 µA
Yes
Low
consumption
VCOMP < 2.4V
Burst mode
VCOMP > 2.4V
2.2 mA
No
Saturated
boost inductor
Vcs > VCS_th
Stop switching
Auto restart after 300 s
4 mA
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com