Electronic Components Datasheet Search
  English  ▼

X  

AN4163 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 25Page - STMicroelectronics AN4163 Datasheet HTML 26Page - STMicroelectronics AN4163 Datasheet HTML 27Page - STMicroelectronics AN4163 Datasheet HTML 28Page - STMicroelectronics AN4163 Datasheet HTML 29Page - STMicroelectronics AN4163 Datasheet HTML 30Page - STMicroelectronics AN4163 Datasheet HTML 31Page - STMicroelectronics AN4163 Datasheet HTML 32Page - STMicroelectronics AN4163 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID023658 Rev 2
29/33
AN4163
PFC coil specification
33
6
PFC coil specification
6.1
General description and characteristics
Application type: consumer, home appliance
Inductor type: open
Coil former: vertical type, 6 + 6 pins
Max. temp. rise: 45 °C
Max. operating ambient temp.: 60 °C
Unit finishing: varnished
6.2
Electrical characteristics
Converter topology: CCM boost PFC preregulator
Core type: pq35/35-PC44 or equivalent (center-leg gapped)
Operating freq. range: 70 kHz - 135 kHz
Primary inductance: 700 µH ±15% at 1 kHz-0.25 V (measured between pins 5 - 2)
Primary rms current 3.5 A
Primary peak current 7.5 A
Figure 48. Electrical diagram
AM13433v1
Table 4. Winding characteristics
Windings
Start pins
End pins
Number of turns
Wire type
Wire diameter
AUX
9
11
5 (spaced)
Litz – G2
0.28 Ø
PRIM
5
2
70
Single – G2
Litz 0.2 Ø x 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com