Electronic Components Datasheet Search
  English  ▼

X  

AN4163 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 25Page - STMicroelectronics AN4163 Datasheet HTML 26Page - STMicroelectronics AN4163 Datasheet HTML 27Page - STMicroelectronics AN4163 Datasheet HTML 28Page - STMicroelectronics AN4163 Datasheet HTML 29Page - STMicroelectronics AN4163 Datasheet HTML 30Page - STMicroelectronics AN4163 Datasheet HTML 31Page - STMicroelectronics AN4163 Datasheet HTML 32Page - STMicroelectronics AN4163 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
PFC coil specification
AN4163
30/33
DocID023658 Rev 2
6.3
Mechanical aspect and pin numbering
Maximum height from PCB: 38 mm
Coil former type: vertical, 6 + 6 pins (pin 12 is removed)
Pin distance: 5.08 mm
Row distance: 30.48 mm
External copper shield: not insulated, wound around the ferrite core and including the
coil former; it is connected to pin 11 by a soldered solid wire
Figure 49. PFC coil mechanical aspect
6.4
Manufacturer
MAGNETICA di R. Volpini - Italy
PFC Inductor P/N: 2097.0002
AM13434v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com