Electronic Components Datasheet Search
  English  ▼

X  

AN4163 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 24Page - STMicroelectronics AN4163 Datasheet HTML 25Page - STMicroelectronics AN4163 Datasheet HTML 26Page - STMicroelectronics AN4163 Datasheet HTML 27Page - STMicroelectronics AN4163 Datasheet HTML 28Page - STMicroelectronics AN4163 Datasheet HTML 29Page - STMicroelectronics AN4163 Datasheet HTML 30Page - STMicroelectronics AN4163 Datasheet HTML 31Page - STMicroelectronics AN4163 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Bill of material
AN4163
28/33
DocID023658 Rev 2
R27
0R33
PTH
RSMF1TB - metal film res. - 1 W - 2% - 250 ppm/°C
Akaneohm
R28
1M0
0805
SMD standard film res - 1/8 W - 1% - 100 ppm/°C
Vishay
R29
1 K0
0805
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
Vishay
R30
0R33
PTH
RSMF1TB - metal film res - 1 W - 2% - 250 ppm/°C
Akaneohm
R31
0R33
PTH
RSMF1TB - metal film res - 1 W - 2% - 250 ppm/°C
Akaneohm
R32
10R
0805
SMD standard film res - 1/8 W - 5% - 250 ppm/°C
Vishay
R33
100R
1206
SMD standard film res - 1/4 W - 5% - 250 ppm/°C
Vishay
RV1
300 Vac
dia. 15 x 5 p.
7.5 mm
300 V metal oxide varistor - B72214S0301K101
Epcos
U1
L4984D
SSOP10
CCM PFC controller
ST
Z1
PCB rev. 1
Table 3. EVL4984-350W CCM PFC demonstration board bill of material (continued)
Description
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com