Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1195 Datasheet HTML 3Page - Linear Technology LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology LT1195 Datasheet HTML 10Page - Linear Technology LT1195 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1195
1195fa
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Step vs
Settling Time, AV = –1
Output Voltage Step vs
Settling Time, AV = 1
TEMPERATURE (°C)
–50
250
200
150
025
75
125
1195 G19
–25
50
100
+SLEW RATE
–SLEW RATE
VS = ±5V
RFB = 1k
VO = ±2V
AV = –1
SETTLING TIME (ns)
0
400
1195 G20
100
200
300
4
2
0
–2
–4
VS = ±5V
TA = 25°C
RL = 1k
10mV
10mV
1mV
1mV
SETTLING TIME (ns)
0
400
1195 G21
100
200
300
4
2
0
–2
–4
VS = ±5V
TA = 25°C
RL = 1k
10mV
10mV
1mV
1mV
Slew Rate vs Temperature
1195 G25
–
+
LT1195
3
2
8
1
4
7
6
INPUT OFFSET VOLTAGE CAN BE ADJUSTED OVER A
±150mV RANGE WITH A 1k to 10k POTENTIOMETER.
5V
Large-Signal Transient Response
AV = –1, RL = 1k
Large-Signal Transient Response
AV = 1, RL = 1k
Overload Recovery
1195 G22
AV = 1, VIN = 11VP-P
1195 G24
1195 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com