Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 2 Page - Linear Technology

  LT1195 Datasheet HTML 1Page - Linear Technology LT1195 Datasheet HTML 2Page - Linear Technology LT1195 Datasheet HTML 3Page - Linear Technology LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1195
1195fa
LT1195M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8, N8 Package
3.0
8.0
mV
S8 Package
3.0
10.0
mV
IOS
Input Offset Current
0.2
1.0
µA
IB
Input Bias Current
±0.5
±2.0
µA
en
Input Noise Voltage
fO = 10kHz
70
nV√Hz
in
Input Noise Current
fO = 10kHz
2
pA√Hz
RIN
Input Resistance
Differential Mode
230
kΩ
Common Mode
20
MΩ
CIN
Input Capacitance
AV = 1
2.2
pF
Input Voltage Range
(Note 4)
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = –2.5 to 3.5V
60
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
60
85
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VOUT = ±3V
2.0
7.5
V/mV
RL = 150Ω, VOUT = ±3V
0.5
1.5
V/mV
VS = ±8V, RL = 1k, VOUT = ±5V
11.0
V/mV
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k
±3.8
±4.0
V
VS = ±8V, RL = 1k
±6.7
±7.0
V
SR
Slew Rate
AV = –1, RL = 1k (Note 5, 10)
110
165
V/µs
FPBW
Full Power Bandwidth
VOUT = 6VP-P (Note 6)
8.75
MHz
GBW
Gain-Bandwidth Product
50
MHz
tr1, tf1
Rise Time, Fall Time
AV = 50, VOUT = ±1.5V, 20% to 80% (Note 10)
125
170
285
ns
tr2, tf2
Rise Time, Fall Time
AV = 1, VOUT = ±125mV, 10% to 90%
3.4
ns
tPD
Propagation Delay
AV = 1, VOUT = ±125mV, 50% to 50%
2.5
ns
Overshoot
AV = 1, VOUT = ±125mV
22
%
tS
Settling Time
3V Step, 0.1% (Note 7)
220
ns
Diff AV
Differential Gain
RL = 150Ω, AV = 2 (Note 8)
1.25
%
Diff Ph
Differential Phase
RL = 150Ω, AV = 2 (Note 8)
0.86
DEGP-P
S8 PART MARKING
Total Supply Voltage (V+ to V–) ............................... 18V
Differential Input Voltage ......................................... ±6V
Input Voltage ........................................................... ±VS
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range
LT1195M (OBSOLETE) ................... –55°C to 125°C
LT1195C ................................................ 0°C to 70°C
Junction Temperature (Note 3)
Plastic Package (CN8, CS8) ............................ 150°C
Ceramic Package (CJ8, MJ8) (OBSOLETE) ..... 175°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
BAL
–IN
+IN
V–
BAL
V+
OUT
S/D
S8 PACKAGE
8-LEAD PLASTIC SO
J8 PACKAGE
8-LEAD CERDIP
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 100°C/ W (J8)
VS = ±5V, CL ≤ 10pF, Pin 5 open circuit, unless otherwise noted.
LT1195CN8
LT1195CS8
TJMAX = 150°C, θJA = 100°C/ W (N8)
TJMAX = 150°C, θJA = 150°C/ W (S8)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
OBSOLETE PACKAGE
Consider the N8 or S8 Package for Alternate Source
LT1195MJ8
LT1195CJ8
1195
ORDER PART
NUMBER
(Note 1)
TA = 25°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
5V ELECTRICAL CHARACTERISTICS
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com