| Electronic Components Datasheet Search |
|
LT1195 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1195 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() 4 LT1195 1195fa LT1195C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage J8, N8 Package 1.0 10.0 mV S8 Package 1.0 15.0 mV ∆VOS/∆T Input VOS Drift 15 µV/°C IOS Input Offset Current 0.2 1.7 µA IB Input Bias Current ±0.5 ±2.5 µA Input Voltage Range (Note 4) 2.0 3.5 V CMRR Common Mode Rejection Ratio VCM = 2V to 3.5V 60 85 dB VOUT Output Voltage Swing RL = 150Ω to Ground VOUT High 3.5 3.75 V VOUT Low 0.15 0.4 V IS Supply Current 12 16 mA Shutdown Supply Current Pin 5 at V– (Note 9) 0.9 2.0 mA IS/D Shutdown Pin Current Pin 5 at V– 525 µA LT1195C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage J8, N8 Package 3.0 10.0 mV S8 Package 3.0 15.0 mV ∆VOS/∆T Input VOS Drift 12 µV/°C IOS Input Offset Current 0.2 1.7 µA IB Input Bias Current ±0.5 ±2.5 µA CMRR Common Mode Rejection Ratio VCM = –2.5V to 3.5V 60 85 dB PSRR Power Supply Rejection Ratio VS = ±2.375V to ±5V 60 90 dB AVOL Large-Signal Voltage Gain RL = 1k, VOUT = ±3V 2.0 7.5 V/mV RL = 150Ω, VOUT = ±3V 0.3 1.5 V/mV VOUT Output Voltage Swing RL = 1k ±3.7 ±3.9 V IS Supply Current 12 17 mA Shutdown Supply Current Pin 5 at V – (Note 9) 0.9 2.0 mA IS/D Shutdown Pin Current Pin 5 at V – 525 µA 0°C ≤ TA ≤ 70°C VS = ±5V, Pin 5 open circuit, unless otherwise noted. 0°C ≤ TA ≤ 70°C VS+ = 5V, VS– = OV, Pin 5 open circuit, unless otherwise noted. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: A heat sink may be required to keep the junction temperature below absolute maximum when the output is shorted continuously. Note 3: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formats: LT1195MJ8/LT1195CJ8: TJ = TA + (PD • 100°C/W) LT1195N: TJ = TA + (PD • 100°C/W) LT1195CS: TJ = TA + (PD • 150°C/W) Note 4: Exceeding the input common mode range may cause the output to invert. Note 5: Slew rate is measured between ±1V on the output, with ±3V input step. Note 6: Full power bandwidth is calculated from the slew rate measurement: FPBW = SR/2πVP. Note 7: Settling time measurement techniques are shown in “Take the Guesswork Out of Settling Time Measurements,” EDN, September 19, 1985. Note 8: NTSC (3.58MHz). For RL = 1k, Diff AV = 0.3%, Diff Ph = 0.35°. Note 9: See Applications Information section for shutdown at elevated temperatures. Do not operate the shutdown above TJ > 125°C. Note 10: AC parameters are 100% tested on the ceramic and plastic DIP packaged parts (J8 and N8 suffix) and are sample tested on every lot of the SO packaged parts (S8 suffix). Note 11: Do not operate at AV < 2 for TA < 0°C. 5V ELECTRICAL CHARACTERISTICS + – 5V ELECTRICAL CHARACTERISTICS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |