Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology LT1195 Datasheet HTML 10Page - Linear Technology LT1195 Datasheet HTML 11Page - Linear Technology LT1195 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1195
1195fa
receiving end (75Ω to ground) to absorb unwanted en-
ergy. The best performance can be obtained by double
termination (75Ω in series with the output of the amplifier,
and 75Ω to ground at the other end of the cable). This
termination is preferred because reflected energy is ab-
sorbed at each end of the cable. When using the double
termination technique it is important to note that the signal
is attenuated by a factor of 2, or 6dB. This can be compen-
sated for by taking a gain of 2, or 6dB in the amplifier.
Using the Shutdown Feature
The LT1195 has a unique feature that allows the amplifier
to be shut down for conserving power, or for multiplexing
several amplifiers onto a common cable. The amplifier will
shutdown by taking Pin 5 to V –. In shutdown, the amplifier
dissipates 15mW while maintaining a true high impedance
output state of 15k in parallel with the feedback resistors.
The amplifiers must be used in a noninverting configura-
tion for MUX applications. In inverting configurations the
input signal is fed to the output through the feedback
components. The following scope photos show that with
very high RL, the output is truly high impedance; the
output slowly decays toward ground. Additionally, when
the output is loaded with as little as 1k the amplifier shuts
off in 700ns. This shutoff can be under the control of HC
CMOS operating between 0V and –5V.
APPLICATIO S I FOR ATIO
Power Supply Bypassing
The LT1195 is quite tolerant of power supply bypassing.
In some applications a 0.1µF ceramic disc capacitor
placed 0.5 inches from the ampifier is all that is required.
In applications requiring good settling time, it is important
to use multiple bypass capacitors. A 0.1µF ceramic disc in
parallel with a 4.7µF tantalum is recommended.
Cable Terminations
The LT1195 operational amplifier has been optimized as a
low cost video cable driver. The ±20mA guaranteed output
current enables the LT1195 to easily deliver 6VP-P into
150Ω, while operating on ±5V supplies.
–
+
LT1195
75Ω
RFB
–5V
5V
CABLE
1195 AI01
3
2
7
4
6
75Ω
RG
FREQUENCY (Hz)
100k
1M
10M
100M
1195 AI02
8
6
4
2
0
–2
–4
–6
–8
–10
–12
AV = 2
RFB = 1k
RG = 330Ω
AV = 1
RFB = 1k
RG = 1k
VS = ±5V
TA = 25°C
Cable Driver Voltage Gain vs Frequency
Double-Terminated Cable Driver
Output Shutdown
1MHz SINE WAVE GATED OFF WITH SHUTDOWN PIN
AV = 1, RL = SCOPE PROBE
When driving a cable it is important to terminate the cable
to avoid unwanted reflections. This can be done in one of
two ways: single termination or double termination. With
single termination, the cable must be terminated at the
1195 AI03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com