Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 5 Page - Linear Technology

  LT1195 Datasheet HTML 1Page - Linear Technology LT1195 Datasheet HTML 2Page - Linear Technology LT1195 Datasheet HTML 3Page - Linear Technology LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1195
1195fa
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
V+
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
V–
025
75
125
1195 G03
–25
50
100
V+ = 1.8V TO 9V
V+ = –1.8V TO –9V
Common Mode Voltage vs
Temperature
Equivalent Input Noise Voltage
vs Frequency
Equivalent Input Noise Current
vs Frequency
Output Voltage Swing vs
Load Resistance
COMMON MODE VOLTAGE (V)
–5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–2
0
2
4
1195 G01
–4
–1
1
3
–3
5
VS = ±5V
–55°C
25°C
125°C
TEMPERATURE (°C)
–50
100
0
–100
–200
–300
–400
025
75
125
1195 G02
–25
50
100
+IB
–IB
IOS
VS = ±5V
Input Bias Current vs
Temperature
Input Bias Current vs
Common Mode Voltage
FREQUENCY (Hz)
600
500
400
300
200
100
0
10
1k
10k
100k
1195 G04
100
VS = ±5V
TA = 25°C
RS = 0Ω
FREQUENCY (Hz)
14
12
10
8
6
4
2
10
1k
10k
100k
1195 G05
100
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
16
14
12
10
8
246
10
1195 G06
8
–55°C
125°C
25°C
Supply Current vs Supply Voltage
Shutdown Supply Current
vs Temperature
LOAD RESISTANCE (Ω)
10
5
3
1
–1
–3
–5
100
1k
1195 G08
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±5V
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
10k
8k
6k
4k
2k
0
025
75
125
1195 G09
–25
50
100
RL = 1k
VS = ±5V
VO = ±3V
RL = 150Ω
Open-Loop Gain vs Temperature
TEMPERATURE (°C)
–50
6
5
4
3
2
1
0
025
75
125
1195 G07
–25
50
100
VS = ±5V
VS/D = –VEE + 0.6V
VS/D = –VEE + 0.2V
VS/D = –VEE + 0.4V
VS/D = –VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com