Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3462 Datasheet(HTML) 1 Page - Linear Technology

  LT3462 Datasheet HTML 1Page - Linear Technology LT3462 Datasheet HTML 2Page - Linear Technology LT3462 Datasheet HTML 3Page - Linear Technology LT3462 Datasheet HTML 4Page - Linear Technology LT3462 Datasheet HTML 5Page - Linear Technology LT3462 Datasheet HTML 6Page - Linear Technology LT3462 Datasheet HTML 7Page - Linear Technology LT3462 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT3462/LT3462A
3462af
1
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
s
Integrated Schottky Rectifier
s
Fixed Frequency 1.2MHz/2.7MHz Operation
s
Very Low Noise: 1mVP-P Output Ripple
s
Low VCESAT Switch: 270mV at 250mA
s
–5V at 100mA from 5V Input
s
–12V at 30mA from 3.3V Input
s
Low Input Bias Current GND Based FB Input
s
Low Impedance (40
Ω) 1.265V Reference Output
s
High Output Voltage: Up to – 38V
s
Wide Input Range: 2.5V to 16V
s
Uses Tiny Surface Mount Components
s
Low Shutdown Current: <10
µA
s
Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
s
CCD Bias
s
LCD Bias
s
GaAs FET Bias
s
General Purpose Negative Voltage Supply
Inverting 1.2MHz/2.7MHz
DC/DC Converters with
Integrated Schottky in ThinSOT
The LT
®3462/LT3462A are general purpose fixed fre-
quency current mode inverting DC/DC converters. Both
devices feature an integrated Schottky and a low VCESAT
switch allowing a small converter footprint and lower parts
cost. The LT3462 switches at 1.2MHz while the LT3462A
switches at 2.7MHz. These high speeds enable the use of
tiny, low cost and low height capacitors and inductors.
The LT3462/LT3462A operate in a dual inductor inverting
topology that filters both the input and output currents.
Very low output voltage ripple approaching 1mVP-P can be
achieved when ceramic capacitors are used. Fixed fre-
quency switching ensures a clean output free from low
frequency noise typically present with charge pump solu-
tions. The 40V switch allows a VIN to VOUT differential of
up to 38V for dual inductor topologies.
Both devices provide a low impedance 1.265V reference
output to supply the feedback resistor network. A ground
referenced, high impedance FB input allows high feedback
resistor values without compromising output accuracy.
The LT3462/LT3462A are available in a 6-lead SOT-23
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V to –5V, 100mA Inverting DC/DC Converter
Efficiency
ThinSOT is a trademark of Linear Technology Corporation
LOAD CURRENT (mA)
0
75
70
65
60
55
3462 TA01b
20
40
80
60
100
VIN = 3.3V
VIN = 5V
TA = 25°C
VIN
5V
22
µH
22
µH
267k
68.1k
10
µF
22pF
1
µF
1
µF
VOUT
–5V
100mA
VIN
SW
FB
SDREF
GND
LT3462A
3462 TA01
D


Similar Part No. - LT3462

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462AES6 LINER-LT3462AES6 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
More results

Similar Description - LT3462

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3461 LINER-LT3461 Datasheet
149Kb / 8P
1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3461A LINER-LT3461A_15 Datasheet
159Kb / 8P
1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com