Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3462 Datasheet(HTML) 2 Page - Linear Technology

  LT3462 Datasheet HTML 1Page - Linear Technology LT3462 Datasheet HTML 2Page - Linear Technology LT3462 Datasheet HTML 3Page - Linear Technology LT3462 Datasheet HTML 4Page - Linear Technology LT3462 Datasheet HTML 5Page - Linear Technology LT3462 Datasheet HTML 6Page - Linear Technology LT3462 Datasheet HTML 7Page - Linear Technology LT3462 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT3462/LT3462A
3462af
2
Input Voltage (VIN) .................................................. 16V
SW Voltage .............................................................. 40V
D Voltage ............................................................... –40V
SDREF, FB Voltage ................................................. 2.5V
Operating Ambient
Temperature Range (Note 3) ...............–40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10sec)................... 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
16
V
SDREF Voltage
10
µA > ISDREF ≥ –80µA
q
1.245
1.265
1.285
V
FB Pin Bias Current (Note 2)
15
50
nA
SDREF Minus FB Voltage
10
µA > ISDREF ≥ –80µA
q
1.235
1.263
1.285
V
Error Amp Offset Voltage
–12
12
mV
SDREF Reference Source Current
SDREF >1.2V
q
120
180
µA
Supply Current
FB = –0.05V, Not Switching
2.9
3.6
mA
SDREF = 0V, FB = Open, VIN = 5V
6.5
10
µA
SDREF Line Regulation
0.007
%/V
Switching Frequency (LT3462)
q
0.8
1.2
1.6
MHz
Switching Frequency (LT3462A)
q
2.0
2.7
3.5
MHz
Maximum Duty Cycle (LT3462)
q
90
%
Maximum Duty Cycle (LT3462A)
q
77
%
Switch Current Limit
300
420
mA
Switch VCESAT
ISW = 250mA
270
350
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
Rectifier Leakage Current
VD = –40V
0.03
4
µA
Rectifier Forward Drop
ISCHOTTKY = 250mA
800
1100
mV
SDREF Voltage Low
q
0.20
V
SDREF Off-State Pull-Up Current
123
µA
SDREF Turn-Off Current
–300
–200
µA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S6 PART MARKING
LTBBV
LTBGB
LT3462ES6
LT3462AES6
TJMAX = 125°C
θJA = 150°C ON BOARD OVER
GROUND PLANE
θJC = 120°C/W
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Current flows out of the pin.
Note 3: The LT3462E is guaranteed to meet specifications from 0
°C to
70
°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.
6 VIN
5 D
4 SDREF
SW 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND 2
FB 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com