Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3462 Datasheet(HTML) 5 Page - Linear Technology

  LT3462 Datasheet HTML 1Page - Linear Technology LT3462 Datasheet HTML 2Page - Linear Technology LT3462 Datasheet HTML 3Page - Linear Technology LT3462 Datasheet HTML 4Page - Linear Technology LT3462 Datasheet HTML 5Page - Linear Technology LT3462 Datasheet HTML 6Page - Linear Technology LT3462 Datasheet HTML 7Page - Linear Technology LT3462 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT3462/LT3462A
3462af
5
R2
R1
GND
C3
L1
L2
C1
VOUT
VIN
C4
C2
3462 F03
1
2
34
5
6
Inrush Current
The LT3462 has a built-in Schottky diode. When supply
voltage is applied to the VIN pin, the voltage difference
between VIN and VDgenerates inrush current flowing from
input through the inductor and the Schottky diode to
charge the flying capacitor to VIN. The maximum
nonrepetitive surge current the Schottky diode in the
LT3462 can sustain is 1.5A. The selection of inductor and
capacitor value should ensure the peak of the inrush
current to be below 1.5A. The peak inrush current can be
calculated as follows:
I
VO
L
C
L
C
P
IN
=
–.
–
exp –
–
6
12
1
π
where L is the inductance between supply and SW, and C
is the capacitance between SW and D.
Table 3 gives inrush peak currents for some component
selections.
Table 3. Inrush Peak Current
VIN (V)
L (
µH)
C (
µF)
IP (A)
5
22
1
0.70
5
33
1
0.60
12
47
1
1.40
Inductor Selection
Each of the two inductors used with LT3462 should have
a saturation current rating (where inductance is approxi-
mately 70% of zero current inductance ) of approximately
0.25A or greater. If the device is used in the charge pump
mode, where there is only one inductor, then its rating
should be 0.35A or greater. DCR of the inductors should
be less than 1
Ω. For LT3462, a value of 22µH is suitable
if using a coupled inductor such as Sumida CLS62-220. If
using two separate inductors, increasing the value to
47
µH will result in the same ripple current. For LT3462A,
a value of 10
µH for the coupled inductor and 22µH for two
inductors will be acceptable for most applications.
APPLICATIO S I FOR ATIO
Figure 2. Suggested Layout
Capacitor Selection
Ceramic capacitors are recommended. An X7R or X5R
dielectric should be used to avoid capacitance decreasing
severely with applied voltage and at temperature limits.
The “flying” capacitor between the SW and D pins should
be a ceramic type of value 1
µF or more. When used in the
dual inductor or coupled inductor topologies the flying
capacitor should have a voltage rating that is more than the
difference between the input and output voltages. For the
charge pump inverter topology, the voltage rating should
be more than the output voltage. The output capacitor
should be a ceramic type. Acceptable output capacitance
varies from 1
µF for high VOUT (–36V), to 10µF for low VOUT
(–5V). The input capacitor should be a 1
µF ceramic type
and be placed as close as possible to the LT3462/LT3462A.
Layout Hints
The high speed operation of the LT3462 demands careful
attention to board layout. You will not get advertised
performance with careless layout. Figure 2 shows the
recommended component placement. A ceramic capaci-
tor of 1
µF or more must be placed close to the IC for input
supply bypassing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com