Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3462 Datasheet(HTML) 3 Page - Linear Technology

  LT3462 Datasheet HTML 1Page - Linear Technology LT3462 Datasheet HTML 2Page - Linear Technology LT3462 Datasheet HTML 3Page - Linear Technology LT3462 Datasheet HTML 4Page - Linear Technology LT3462 Datasheet HTML 5Page - Linear Technology LT3462 Datasheet HTML 6Page - Linear Technology LT3462 Datasheet HTML 7Page - Linear Technology LT3462 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT3462/LT3462A
3462af
3
TEMPERATURE (
°C)
1.29
1.28
1.27
1.26
1.25
1.24
1.23
3462 G03
DUTY CYCLE (%)
10
90
80
60
40
20
3462 G02
30
50
70
480
360
240
120
0
3462 G05
3462 G06
TEMPERATURE (
°C)
–40
1.6
1.5
1.4
1.3
1.2
1.1
1.0
20
60
3462 G01
–20
0
40
80
100
TEMPERATURE (
°C)
3462 G04
3.2
3.0
2.8
2.6
2.4
2.2
2.0
TA = 25°C
SUPPLY VOLTAGE (V)
0
16
48
12
10
8
6
4
2
0
TA = 25°C
FB = N/C
TEMPERATURE (
°C)
80
100
40
60
20
0
–40
–20
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–40
20
60
–20
0
40
80
100
–40
20
60
–20
0
40
80
100
TA = 25°C
LT3462
LT3462A
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency (LT3462)
Current Limit
SDREF Minus FB Pin Voltage
Oscillator Frequency (LT3462A)
FB Bias Current
Quiescent Current in
Shutdown Mode
PI FU CTIO S
SW (Pin 1): Switch Pin. Connect to external inductor L1
and positive terminal of transfer cap.
GND (Pin 2): Ground. Tie directly to local ground plane.
FB (Pin 3): Feedback Pin. Connect resistive divider tap
here. Set R1 according to R1 = R2 • (VOUT/1.265V). In
shutdown, a proprietary shutdown bias current cancella-
tion circuit allows the internal 3
µA source to pull up the
SDREF pin, even with residual negative voltage on VOUT.
SDREF (Pin 4): Dual Function Shutdown and 1.265V
Reference Output Pin. Pull to GND with external N-FET to
turn regulator off. Turn-off pull-down and a 2
µA internal
source will pull SDREF up to turn-on the regulator. At turn-
on, a 180
µA internal source pulls the pin to the regulation
voltage. The SDREF pin can supply up to 80
µA at 1.265V
to bias the feedback resistor divider. An optional soft-start
circuit capacitor connects from this pin to –VOUT.
D (Pin 5): Anode Terminal of Integrated Schottky Diode.
Connect to negative terminal of transfer cap and external
inductor L2.
VIN (Pin 6): Input Supply Pin. Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com