Electronic Components Datasheet Search
  English  ▼

X  

LT3462 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3462
Description  Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3462 Datasheet(HTML) 4 Page - Linear Technology

  LT3462 Datasheet HTML 1Page - Linear Technology LT3462 Datasheet HTML 2Page - Linear Technology LT3462 Datasheet HTML 3Page - Linear Technology LT3462 Datasheet HTML 4Page - Linear Technology LT3462 Datasheet HTML 5Page - Linear Technology LT3462 Datasheet HTML 6Page - Linear Technology LT3462 Datasheet HTML 7Page - Linear Technology LT3462 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT3462/LT3462A
3462af
4
OPERATIO
BLOCK DIAGRA
Figure 1. Block Diagram
–
+
–
+
–
+
–
+
1
3
2
∑
VOUT
VOUT
D
R1 (EXTERNAL)
R2 (EXTERNAL)
FB
RAMP
GENERATOR
SHUTDOWN
BIAS CURRENT
CANCELLATION
1.2MHz*
OSCILLATOR
R
S
Q
A1
E AMP
A2
COMP
DRIVER
RC
CC
SW
Q1
0.1
Ω
GND
6
1.265V
REFERENCE
VIN
FB
4
SDREF
SDREF
SDREF
3462 F02
5
*LT3462A IS 2.7MHz
CS1 (EXTERNAL)
CS2 (EXTERNAL)
Q2
OFF
→ 3µA
ON
→ 180µA
ISRC
SHUTDOWN
CS1, CS2 OPTIONAL SOFT-START COMPONENTS
DO
LG
The LT3462 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
Block Diagram in Figure 1. At the start of each oscillator
cycle, the SR latch is set, turning on the power switch Q1.
A voltage proportional to the switch current is added to a
stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator. When this
voltage exceeds the voltage at the output of the EAMP, the
SR latch is reset, turning off the power switch. The level
at the output of the EAMP is simply an amplified version
of the difference between the feedback voltage and GND.
In this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the error
amplifier’s output increases, more current is taken from
the output; if it decreases, less current is taken. One
function not shown in Figure 1 is the current limit. The
switch current is constantly monitored and not allowed to
exceed the nominal value of 400mA. If the switch current
reaches 400mA, the SR latch is reset regardless of the
output state of the PWM comparator. This current limit cell
protects the power switch as well as various external
components connected to the LT3462.
SDREF is a dual function input pin. When driven low it
shuts the part down, reducing quiescent supply current to
less than 10
µA. When not driven low, the SDREF pin has an
internal pull-up current that turns the regulator on. Once
the part is enabled, the SDREF pin sources up to
180
µA nominally at a fixed voltage of 1.265V through
external resistor R2 to FB. If there is no fault condition
present, FB will regulate to 0V, and VOUT will regulate to
1.265V • (–R1/R2). An optional soft-start circuit uses the
fixed SDREF pull-up current and a capacitor from SDREF
to VOUT to set the dV/dt on VOUT. In shutdown, an FB bias
current cancellation circuit supplies up to 150
µA biasing
current to external resistor R1 while VOUT is lower than FB.
This function eliminates R2 loading of SDREF during
shutdown. As a result, supply current in shutdown may
exceed 10
µA by the amount of current flowing in R1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com