Electronic Components Datasheet Search
  English  ▼

X  

AN4324 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 3Page - STMicroelectronics AN4324 Datasheet HTML 4Page - STMicroelectronics AN4324 Datasheet HTML 5Page - STMicroelectronics AN4324 Datasheet HTML 6Page - STMicroelectronics AN4324 Datasheet HTML 7Page - STMicroelectronics AN4324 Datasheet HTML 8Page - STMicroelectronics AN4324 Datasheet HTML 9Page - STMicroelectronics AN4324 Datasheet HTML 10Page - STMicroelectronics AN4324 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN4324
Battery parameters
DocID024963 Rev 2.0
7/31
3
Battery parameters
This section describes how to calculate the parameters of the application.
To operate properly, the STC3115 uses typical values of the battery to track the state of
charge (SOC) in the application at a given time.
The parameters can be calculated using the formulae below. This parameter set is
commonly called the "battery model". This model is an image of battery behavior against
the STC3115 principle. The parameters and their calculation are also described in the
STC3115 datasheet.
•
REG_CC_CNF: (Rsense x Nominal battery capacity) / 49.556
•
REG_VM_CNF: (Internal battery impedance x Nominal battery capacity) / 977.78
•
REG_ALARM_SOC has to be set according to the application needs
(e.g. 10 % as a typical value)
•
REG_ALARM_VOLTAGE has to be set according to the application needs
(e.g. 3600 mV as a typical value)
•
REG_CURRENT_THRES: (Battery capacity / 10), up to 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com