Electronic Components Datasheet Search
  English  ▼

X  

AN4324 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 5Page - STMicroelectronics AN4324 Datasheet HTML 6Page - STMicroelectronics AN4324 Datasheet HTML 7Page - STMicroelectronics AN4324 Datasheet HTML 8Page - STMicroelectronics AN4324 Datasheet HTML 9Page - STMicroelectronics AN4324 Datasheet HTML 10Page - STMicroelectronics AN4324 Datasheet HTML 11Page - STMicroelectronics AN4324 Datasheet HTML 12Page - STMicroelectronics AN4324 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN4324
Battery parameters
DocID024963 Rev 2.0
9/31
3.2
Battery open circuit voltage (OCV) curve measurement and
calculation
The default OCV curve selected by the STC3115 version can be adjusted to fit the battery
REG_OCVTAB model. The TAB registers can be filled to define the OCV curve as in the
equation: OCV[x] = OCVinit[x] + OCVTAB[x].
The battery OCV curve can be characterized and evaluated by measuring the relaxed
voltage of the battery at a given state of charge (SOC). In the table below, column 2,
"Battery OCV (V)", should be measured using the relaxed voltages of the corresponding
"SOC (%)" values in column 1. These measured points can then be used to define the
REG_OCVTAB(0.55mV) "Value" in column 6 using the equation: REG_OCVTAB[x] =
(Battocv[x] - OCVinit[x]) / 0.55.
Table 3: OCV offset calculation table
SOC
(%)
Battery OCV in volts
(battery measurement
data)
OCV-init(V)
REG_OCVTAB(0.55mV)
STC3115AIJT /
STC3115AIQT
STC3115IJT /
STC3115IQT
Address
Value
100
4.176
4.313
0x3F
90
4.076
4.197
0x3E
80
3.991
4.088
0x3D
70
3.929
3.990
0x3C
65
3.899
3.953
0x3B
60
3.863
3.914
0x3A
50
3.802
3.825
0x39
40
3.778
3.790
0x38
30
3.761
3.770
0x37
25
3.747
3.761
0x36
20
3.721
3.743
0x35
15
3.695
3.710
0x34
10
3.658
3.675
0x33
6
3.618
3.651
0x32
3
3.541
3.571
0x31
0
3.300
3.300
0x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com