Electronic Components Datasheet Search
  English  ▼

X  

AN4324 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4324 Datasheet HTML 1Page - STMicroelectronics AN4324 Datasheet HTML 2Page - STMicroelectronics AN4324 Datasheet HTML 3Page - STMicroelectronics AN4324 Datasheet HTML 4Page - STMicroelectronics AN4324 Datasheet HTML 5Page - STMicroelectronics AN4324 Datasheet HTML 6Page - STMicroelectronics AN4324 Datasheet HTML 7Page - STMicroelectronics AN4324 Datasheet HTML 8Page - STMicroelectronics AN4324 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN4324
STC3115 selection guide
DocID024963 Rev 2.0
5/31
2
STC3115 selection guide
Two versions, in two different packages, of the STC3115 device currently exist. They are:
1.
STC3115AIJT / STC3115AIQT
2.
STC3115IJT / STC3115IQT
Either version can be selected to plug onto the application.
2.1
STC3115 version selection
The STC3115 can lend its functionalities to different battery types with different voltage
ranges. Depending on the battery voltage, either the STC3115AIJT / STC3115AIQT or the
STC3115IJT / STC3115IQT can be selected.
Table 1: STC3115 version selection
STC3115 version
Battery voltage (typ)
Battery voltage (max)
STC3115AIJT / STC3115AIQT
3.7 V
4.2 V
STC3115IJT / STC3115IQT
3.8 V
4.35 V
The STC3115 behavior is the same with the different versions but the device uses a
different initial internal open circuit voltage (OCV) curve to track the battery state of charge.
The table below describes the internal OCV curve of each STC3115 version.
Table 2: STC3115 internal OCV curve references
State of charge (%)
STC3115AIJT / STC3115AIQT
STC3115IJT / STC3115IQT
100
4.176
4.313
90
4.076
4.197
80
3.991
4.088
70
3.929
3.990
65
3.899
3.953
60
3.863
3.914
50
3.802
3.825
40
3.778
3.790
30
3.761
3.770
25
3.747
3.761
20
3.721
3.743
15
3.695
3.710
10
3.658
3.675
6
3.618
3.651
3
3.541
3.571
0
3.300
3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com