Electronic Components Datasheet Search
  English  ▼

X  

AN4324 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 23Page - STMicroelectronics AN4324 Datasheet HTML 24Page - STMicroelectronics AN4324 Datasheet HTML 25Page - STMicroelectronics AN4324 Datasheet HTML 26Page - STMicroelectronics AN4324 Datasheet HTML 27Page - STMicroelectronics AN4324 Datasheet HTML 28Page - STMicroelectronics AN4324 Datasheet HTML 29Page - STMicroelectronics AN4324 Datasheet HTML 30Page - STMicroelectronics AN4324 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
AN4324
30/31
DocID024963 Rev 2.0
7
Revision history
Table 7: Document revision history
Date
Revision
Changes
30-Oct-2013
1
Initial release
12-Nov-2014
2
Added order codes STC3115AIQT and STC3115IQT
Replaced "REG_OCV_OFFSET" register with "REG_OCVTAB"
register
Section 3.1: updated text and added Figure 2
Section 3.2: updated register names
Section 4.1: The five points concerning the sense resistor value and
reference "must" be considered (and not "should" be considered).
Section 4.1.3: replaced 10 mW with 160 mW
Section 4.2: updated internal threshold of BatD pull-up voltage
from1.6 V to 1.61 V; updated title of Figure 3
Section 4.3:replaced "voltage platform" with "system voltage"
Figure 10: added "top view" to title
Section 5.2: added fifth point to the protocol on how to add an
external resistor
Figure 11 and Figure 12: added "top view" to titles
Table 5: added option "Ø = 260 µm min (for 220 µm diameter pad)"
Added Section 6.1
Section 6.2 deleted the two subsections related to this section and
added them into the main section, updated text, updated Figure 16
and Figure 17, added Figure 18.
Updated Section 6.3
Section 6.4: modified section title
Section 6.5.1: modified section title
Section 6.7: updated text explaining Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com