Electronic Components Datasheet Search
  English  ▼

X  

AN4324 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 10Page - STMicroelectronics AN4324 Datasheet HTML 11Page - STMicroelectronics AN4324 Datasheet HTML 12Page - STMicroelectronics AN4324 Datasheet HTML 13Page - STMicroelectronics AN4324 Datasheet HTML 14Page - STMicroelectronics AN4324 Datasheet HTML 15Page - STMicroelectronics AN4324 Datasheet HTML 16Page - STMicroelectronics AN4324 Datasheet HTML 17Page - STMicroelectronics AN4324 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Schematic guidelines
AN4324
14/31
DocID024963 Rev 2.0
4.3
RSTIO pin system integration
The STC3115 RSTIO is an open drain pin which, to operate, must always be pulled-up to a
VCC.
The STC3115 RSTIO feature maintains the accuracy of the first open circuit voltage (OCV)
measurement in all application start-up sequences. This feature prevents the first OCV
measurement from a fast application start-up. If the main application reset signal is
detected as low before the beginning of the first OCV measurement, it is forced low by the
RSTIO pin until the end of the measurement to guarantee measurement accuracy. In this
reset state, the application consumption is low and no battery voltage drop is implied. This
operation takes a maximum of 500 ms.
Several typical application implementations are described below.
The Vbatt voltage used to pull-up the RSTIO signal can be another system voltage such as
an IO voltage (see Figure 7: "STC3115 RSTIO schematic if the RSTIO feature is
disabled"). If the RSTIO pin is pulled-up to a fixed positive voltage or if it is grounded, this
feature is disabled.
Figure 7: STC3115 RSTIO schematic if the RSTIO feature is disabled
1.
Typical R1 value = 1 kΩ
In the architecture of Figure 8: "STC3115 RSTIO feature integration in a PMU based
application", it is assumed that the application processor (AP) consumes the most power.
Once the PMU is ready to provide the voltage and clock to the AP, the RESETN signal is
relaxed by the PMU (which informs the AP that the PMU is ready). The STC3115 RSTIO
pin relaxes this signal at the end of the first OCV measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com