Electronic Components Datasheet Search
  English  ▼

X  

AN4460 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 12Page - STMicroelectronics AN4460 Datasheet HTML 13Page - STMicroelectronics AN4460 Datasheet HTML 14Page - STMicroelectronics AN4460 Datasheet HTML 15Page - STMicroelectronics AN4460 Datasheet HTML 16Page - STMicroelectronics AN4460 Datasheet HTML 17Page - STMicroelectronics AN4460 Datasheet HTML 18Page - STMicroelectronics AN4460 Datasheet HTML 19Page - STMicroelectronics AN4460 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
SMED implementation
AN4460
16/54
DocID026129 Rev 1
4
SMED implementation
This section describes how the FOT (fixed off-time) principle is implemented in the SMED
(state machine event driven). Each SMED generates the correct PWM signals and the
SMED state evolution depends on both external events and internal timers.
Note:
Please refer to the STLUX385A product documentation for a detailed explanation of the
SMED technology.
The SMED is responsible for the generation of the PWM necessary to maintain the IAVG
current through the LEDs. When the SMED is triggering the PWM output, the LEDs are ON.
Digital dimming is achieved by applying a duty cycle to the LEDs. The software controls the
duty cycle (referred as dimming in this document) by suspending and restoring the SMED's
PWM generation. When the SMED stops triggering the PWM line, the LEDs are OFF.
Note that the dimming frequency is much lower (~200 Hz) than the PWM frequency used for
current control (70 kHz - 400 kHz).
4.1
SMED input matrix
Each SMED has three associated signals. Only two inputs are used in the FOT principle
described in this AN. The inputs have been logically mapped to represent:
SMED_in(0) - digital input: senses the inductor null current (currently not used).
SMED_in(1) - comparator input: detects when the current has reached the DAC value.
SMED_in(2) - software input: starts and stops the SMED. Used for dimming control.
Table 2 summarizes the input and event relationship:
Option:
SMED 4 PWM output is optional.
SMED 5 PWM output is filtered and connected to CPM3. SMED5 may be optionally
used to generate a reference signal for the CPM(3) input. CPM3 can be used to sense
and detect the top-current event for LED channel 0 and increase the string average
current granularity. The possible current steps are equal to 5 mA (typical). This option is
not used in the current firmware version.
Table 2. SMED input association
LED CH
SMED_in(0)
SMED_in(1)
SMED_in(2)
SMED 0
0
DIGIN 2
DAC-CPP 3
SW 0
SMED 1
1
DIGIN 1
DAC-CPP 2
SW 1
SMED 2
2
DIGIN 4
DAC-CPP 0
SW 2
SMED 3
3
DIGIN 3
DAC-CPP 1
SW 3
SMED 4
Not used
DIGIN 0
SW 4
SMED 5
Not used
SW 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com