Electronic Components Datasheet Search
  English  ▼

X  

AN4460 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 30Page - STMicroelectronics AN4460 Datasheet HTML 31Page - STMicroelectronics AN4460 Datasheet HTML 32Page - STMicroelectronics AN4460 Datasheet HTML 33Page - STMicroelectronics AN4460 Datasheet HTML 34Page - STMicroelectronics AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
User interface
AN4460
34/54
DocID026129 Rev 1
Parameters:
add: the memory address. It is possible to use a hexadecimal value using the “0x”
prefix. The total memory area available on the STLUX385A is 64 Kbyte.
len: total length of memory to be retrieved, in bytes. “0x” can be used as prefix for
a hexadecimal number.
Output:
The memory content starting from [add] address and [len] bytes long.
7.4.12
rr - read memory, single byte
The command reads and displays the specified byte of memory.
Syntax: rr [add]
Parameters:
add: the memory address. It is possible to use a hexadecimal value using the “0x”
prefix. The total memory area available on the STLUX385A is 64 Kbyte.
Output: the byte located at [add] address
7.4.13
rw - write memory, single byte
The command writes a single byte of memory. The incorrect use of this command could
overwrite internal registers and change the behavior of the device and could cause the
destruction of the demonstration board.
Syntax: rw [add] [dat]
Parameters:
add: the memory location to write. It is possible to use a hexadecimal value using the
“0x” prefix. The total memory area available on the STLUX385A is 64 Kbyte.
dat: the byte to be written. It is possible to use a hexadecimal value using the “0x”
prefix.
Output: none
7.4.14
ed - enable global dimming function
It enables or disables the global dimming function. When the function is enabled, the “di”
command applies to all channels. At the same time, the “+” and “-” buttons operate in global
dimming mode. When the function is disabled, the “di” command is disabled and the LED
dimming can only be changed via the “ll” command. Besides, the “+” and “-” buttons control
a single channel. The [ed] value is stored into the E2PROM data area for its read back at the
next power-on. On reset, should “ed” be enabled, the last “ll” dimming value is not applied
immediately but with a gradual light increment (from 0% to the “ll” value).
Syntax: ed [enable]
Parameters:
enable [0,1]: enables or disables the global dimming function.
Output: none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com