Electronic Components Datasheet Search
  English  ▼

X  

AN4460 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 34Page - STMicroelectronics AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics AN4460 Datasheet HTML 40Page - STMicroelectronics AN4460 Datasheet HTML 41Page - STMicroelectronics AN4460 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Measurements
AN4460
38/54
DocID026129 Rev 1
Figure 15. Current regulation - the same channels, different current setup
Figure 16 shows a single channel with different dimming levels. The dimming values are:
R1 = 20 units (7.8%); R2 = 50 units (19.5%); R3 = 150 units (58.6%); R4 = 200 units
(78.1%); 3 = 255 units (99.6%). The OFF phase of the 3 line is equal to one dimming unit
corresponding to 1/256 parts of 5,12 ms (~20 µs).
Figure 16. Current regulation - the same channels, different dimming
AM16715v1
AM16716v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com