Electronic Components Datasheet Search
  English  ▼

X  

AN4460 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 46Page - STMicroelectronics AN4460 Datasheet HTML 47Page - STMicroelectronics AN4460 Datasheet HTML 48Page - STMicroelectronics AN4460 Datasheet HTML 49Page - STMicroelectronics AN4460 Datasheet HTML 50Page - STMicroelectronics AN4460 Datasheet HTML 51Page - STMicroelectronics AN4460 Datasheet HTML 52Page - STMicroelectronics AN4460 Datasheet HTML 53Page - STMicroelectronics AN4460 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
DocID026129 Rev 1
51/54
AN4460
Bill of material
54
29
1
J6
CH0
2-way connector
WAGO-250-402
30
1
J7
CH3
2-way connector
WAGO-250-402
31
1
J8
CH1
2-way connector
WAGO-250-402
32
1
J9
2-way connector
2-way connector
WAGO-236-402
33
1
J11
Dimming 0 - 10 V
2-pin-pitch 2.54
34
2
L1, L7
WE-CBF
CAPC-0603
35
4
L2, L3, L4, L5
470
H
DS5022P-Coilcraft
1.2 A sat.
36
1
L6
8,5
H
ELL4GG
Panasonic
37
4
L8, L9, L10, L11
WE-CBF
CAPC-0603
38
1
P1
RESET
EVQPSM
Panasonic
39
1
P2
LED CH SEL
SMD-SWITCH-B3FS
40
1
P3
INC
SMD-SWITCH-B3FS
41
1
P4
DEC
SMD-SWITCH-B3FS
42
4
Q1, Q2, Q5, Q6
STN3NF06L
SOT223
43
4
Q3, Q4, Q7, Q8
2N7002
SOT23
44
10
R1, R2, R3, R9, R77, R34, R35,
R56, R57, R68, R78
0
RESC-0603
45
1
R4
15 K
RESC-0603
46
1
R5
4.7 K
RESC-0603
47
2
R6, R7
1 K
RESC-0603
48
1
R8
51.1 K
RESC-0603
49
1
R10
3.3 K
RESC-0603
50
1
R11
47 K
RESC-0603
51
2
R12, R73
100 K
RESC-0603
52
1
R13
27 K
RESC-0603
53
8
R14, R15, R16, R17, R32, R33,
R54, R55
N. M.
RESC-0603
Not mounted
54
12
R18, R19, R24, R25, R40, R41,
R46, R47, R67, R69, R72, R75
26.1 K
RESC-0603
55
4
R20, R21, R42, R43
10
RESC-0603
56
4
R22, R23, R44, R45
160
RESC-0603
Table 7. Bill of material (continued)
Item
Quantity
References
Part value
Package and
supplier code
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com