Electronic Components Datasheet Search
  English  ▼

X  

AN4460 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 46Page - STMicroelectronics AN4460 Datasheet HTML 47Page - STMicroelectronics AN4460 Datasheet HTML 48Page - STMicroelectronics AN4460 Datasheet HTML 49Page - STMicroelectronics AN4460 Datasheet HTML 50Page - STMicroelectronics AN4460 Datasheet HTML 51Page - STMicroelectronics AN4460 Datasheet HTML 52Page - STMicroelectronics AN4460 Datasheet HTML 53Page - STMicroelectronics AN4460 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
Bill of material
AN4460
50/54
DocID026129 Rev 1
11
Bill of material
Table 7. Bill of material
Item
Quantity
References
Part value
Package and
supplier code
Notes
12
C1, C4
1
F
CAPC-0603
10 V
2
4
C2, C8, C43, C45
10 nF
CAPC-0603
38
C3, C19, C20, C31, C32, C40,
C44, 46
100 nF
CAPC-0603
4
2
C5, C6
12 pF - N.M.
CAPC-0603
Not mounted
5
1
C7
4.7 nF
CAPC-0603
6
4
C9, C11, C21, C23
10 nF
CAPC-1206
100 V
7
4
C10, C12, C22, C24
1
F
CAPC-1206
100 V
8
4
C13, C14, C25, C26
1 nF
CAPC-0603
98
C15, C16, C17, C18, C27, C28,
C29, C30
10 nF
CAPC-0603
10
6
C33, C38, C42, C47, C48, C49
100 nF
CAPC-0603
25 V
11
2
C34, C37
100 nF
CAPC-1206
100 V
12
1
C35
150 pF
CAPC-0805
25 V
13
1
C36
22
F
D250P100
100 V
14
1
C39
150
F
CAPC-7343
16 V
15
1
C41
10
F
V-3216
10 V
16
1
C50
47
F
CAP-AXP1000D400
100 V
17
1
D1
Fault
LEDC-0603
18
1
D2
Run
LEDC-0603
19
4
D3, D4, D9, D10
STPS2H100A
SMA
20
4
D5, D6, D11, D12
STPS0560Z
SOD123
21
4
D7, D8, D13, D14
LL4148
SOD80-ST
22
1
D15
BZV85-C51V
DO41
51 V 1.3 W
23
1
D16
STPS3L60U
SMB
24
1
J1
SWIM I/F
4-pin-pitch 2.54
25
1
J2
DALI I/F
Pin 2x6 pitch 2.54
26
1
J3
UART I/F - TTL
3-pin-pitch 2.54
27
1
J4
UART I/F
JACK-3_5-
35RASMT2BHNTRX
28
1
J5
CH2
2-way connector
WAGO-250-402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com