Electronic Components Datasheet Search
  English  ▼

X  

UPD43256BCZ-85LL Datasheet(PDF) 21 Page - NEC

Part # UPD43256BCZ-85LL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85LL Datasheet(HTML) 21 Page - NEC

Back Button UPD43256BCZ-85LL Datasheet HTML 16Page - NEC UPD43256BCZ-85LL Datasheet HTML 17Page - NEC UPD43256BCZ-85LL Datasheet HTML 18Page - NEC UPD43256BCZ-85LL Datasheet HTML 19Page - NEC UPD43256BCZ-85LL Datasheet HTML 20Page - NEC UPD43256BCZ-85LL Datasheet HTML 21Page - NEC UPD43256BCZ-85LL Datasheet HTML 22Page - NEC UPD43256BCZ-85LL Datasheet HTML 23Page - NEC UPD43256BCZ-85LL Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
µPD43256B
Recommended Soldering Conditions
The following conditions (See table below) must be met when soldering
µPD43256B. For more details, refer
to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL” (C10535E).
Please consult with our sales offices in case other soldering process is used, or in case soldering is done
under different conditions.
Types of Surface Mount Device
µPD43256BGU: 28-pin plastic SOP (450 mil)
µPD43256BGW-9JL: 28-pin plastic TSOP (I) (8 × 13.4 mm) (Normal bent)
µPD43256BGW-9KL: 28-pin plastic TSOP (I) (8 × 13.4 mm) (Reverse bent)
Please consult with our sales offices.
Type of Through Hole Mount Device
µPD43256BCZ: 28-pin plastic DIP (600 mil)
Soldering process
Soldering conditions
Wave soldering
Solder temperature: 260 ˚C or below,
(only to leads)
Flow time: 10 seconds or below
Partial heating method
Terminal temperature: 300 ˚C or below,
Time: 3 seconds or below (Per one lead)
Caution Do not jet molten solder on the surface of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com