Electronic Components Datasheet Search
  English  ▼

X  

UPD43256BCZ-85LL Datasheet(PDF) 3 Page - NEC

Part # UPD43256BCZ-85LL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85LL Datasheet(HTML) 3 Page - NEC

  UPD43256BCZ-85LL Datasheet HTML 1Page - NEC UPD43256BCZ-85LL Datasheet HTML 2Page - NEC UPD43256BCZ-85LL Datasheet HTML 3Page - NEC UPD43256BCZ-85LL Datasheet HTML 4Page - NEC UPD43256BCZ-85LL Datasheet HTML 5Page - NEC UPD43256BCZ-85LL Datasheet HTML 6Page - NEC UPD43256BCZ-85LL Datasheet HTML 7Page - NEC UPD43256BCZ-85LL Datasheet HTML 8Page - NEC UPD43256BCZ-85LL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
µPD43256B
Pin Configuration (Marking Side)
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
28-pin plastic DIP (600 mil)
PD43256BCZ
28-pin plastic SOP (450 mil)
PD43256BGU
µ
µ
A0 - A14
: Address inputs
I/O1 - I/O8 : Data inputs/outputs
CS
: Chip Select
WE
: Write Enable
OE
: Output Enable
VCC
: Power supply
GND
: Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com