Electronic Components Datasheet Search
  English  ▼

X  

UPD43256BCZ-85LL Datasheet(PDF) 12 Page - NEC

Part # UPD43256BCZ-85LL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85LL Datasheet(HTML) 12 Page - NEC

Back Button UPD43256BCZ-85LL Datasheet HTML 8Page - NEC UPD43256BCZ-85LL Datasheet HTML 9Page - NEC UPD43256BCZ-85LL Datasheet HTML 10Page - NEC UPD43256BCZ-85LL Datasheet HTML 11Page - NEC UPD43256BCZ-85LL Datasheet HTML 12Page - NEC UPD43256BCZ-85LL Datasheet HTML 13Page - NEC UPD43256BCZ-85LL Datasheet HTML 14Page - NEC UPD43256BCZ-85LL Datasheet HTML 15Page - NEC UPD43256BCZ-85LL Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
µPD43256B
Write Cycle (1/2)
VCC
≥ 4.5 V
µPD43256B-85
Parameter
Symbol
µPD43256B-70
µPD43256B-A85/A10/A12
Unit
Condition
µPD43256B-B10/B12/B15
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
70
85
ns
CS to end of write
tCW
50
70
ns
Address valid to end of write
tAW
50
70
ns
Write pulse width
tWP
55
60
ns
Data valid to end of write
tDW
30
35
ns
Data hold time
tDH
00
ns
Address setup time
tAS
00
ns
Write recovery time
tWR
00
ns
WE to output in high impedance
tWHZ
30
30
ns
Note
Output active from end of write
tOW
10
10
ns
Note See the output load shown in Figure 2 except for
µPD43256B-A, 43256B-B.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Write Cycle (2/2)
VCC
≥ 3.0 V
VCC
≥ 2.7 V
Parameter
Symbol
µPD43256B-A85 µPD43256B-A10 µPD43256B-A12 µPD43256B-B10 µPD43256B-B12 µPD43256B-B15 Unit
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Write cycle time
tWC
85
100
120
100
120
150
ns
CS to end of write
tCW
70
70
90
70
90
100
ns
Address valid to end of write
tAW
70
70
90
70
90
100
ns
Write pulse width
tWP
60
60
80
60
80
90
ns
Data valid to end of write
tDW
60
60
70
60
70
80
ns
Data hold time
tDH
00
0
0
0
0
ns
Address setup time
tAS
00
0
0
0
0
ns
Write recovery time
tWR
00
0
0
0
0
ns
WE to output in high impedance
tWHZ
30
35
40
35
40
50
ns
Note
Output active from end of write
tOW
10
10
10
10
10
10
ns
Note Loading condition is 1TTL + 100 pF.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Con-
dition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com