Electronic Components Datasheet Search
  English  ▼

X  

UPD43256BCZ-85LL Datasheet(PDF) 8 Page - NEC

Part # UPD43256BCZ-85LL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85LL Datasheet(HTML) 8 Page - NEC

Back Button UPD43256BCZ-85LL Datasheet HTML 4Page - NEC UPD43256BCZ-85LL Datasheet HTML 5Page - NEC UPD43256BCZ-85LL Datasheet HTML 6Page - NEC UPD43256BCZ-85LL Datasheet HTML 7Page - NEC UPD43256BCZ-85LL Datasheet HTML 8Page - NEC UPD43256BCZ-85LL Datasheet HTML 9Page - NEC UPD43256BCZ-85LL Datasheet HTML 10Page - NEC UPD43256BCZ-85LL Datasheet HTML 11Page - NEC UPD43256BCZ-85LL Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
µPD43256B
DC Characteristics (Recommended operating conditions unless otherwise noted) (2/2)
Parameter
Symbol
Test conditions
µPD43256B-A
µPD43256B-B
Unit
MIN. TYP. MAX. MIN. TYP. MAX.
Input leakage current
ILI
VIN = 0 V to VCC
–1.0
+1.0 –1.0
+1.0
µA
I/O leakage current
ILO
VI/O = 0 V to VCC
–1.0
+1.0 –1.0
+1.0
µA
CS = VIH or WE = VIL or OE = VIH
Operating supply current
ICCA1
CS = VIL,
µPD43256B-A85
45
—
mA
Minimum cycle time,
µPD43256B-A10
II/O = 0 mA
µPD43256B-A12
µPD43256B-B10
—
45
µPD43256B-B12
µPD43256B-B15
VCC
≤ 3.3 V
—
20
ICCA2
CS = VIL, II/O = 0 mA
10
10
VCC
≤ 3.3 V
—
5
ICCA3
CS
≤ 0.2 V, Cycle = 1 MHz,
10
10
II/O = 0 mA, VIL
≤ 0.2 V,
VIH
≥ VCC – 0.2 V
VCC
≤ 3.3 V
—
5
Standby supply current
ISB
CS = VIH
33
mA
VCC
≤ 3.3 V
—
2
ISB1
CS
≥ VCC – 0.2 V
0.5
15
0.5
15
µA
VCC
≤ 3.3 V
—
0.5
10
High level output voltage
VOH1
IOH = –1.0 mA, VCC
≥ 4.5 V
2.4
2.4
V
IOH = –0.5 mA, VCC < 4.5 V
2.4
2.4
VOH2
IOH = –0.1 mA
—
—
IOH = –0.02 mA
VCC–0.1
VCC–0.1
Low level output voltage
VOL
IOL = 2.1 mA, VCC
≥ 4.5 V
0.4
0.4
V
IOL = 1.0 mA, VCC < 4.5 V
0.4
0.4
VOL1
IOL = 0.02 mA
0.1
0.1
Remarks 1.
VIN: Input voltage
2.
These DC characteristics are in common regardless of package types.
Capacitance (TA = 25 ˚C, f = 1 MHz)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
5
pF
Input/Output capacitance
CI/O
VI/O = 0 V
8
pF
Remarks 1. VIN: Input voltage
2. These parameters are periodically sampled and not 100 % tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com