Electronic Components Datasheet Search
  English  ▼

X  

UPD43256BCZ-85LL Datasheet(PDF) 13 Page - NEC

Part # UPD43256BCZ-85LL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BCZ-85LL Datasheet(HTML) 13 Page - NEC

Back Button UPD43256BCZ-85LL Datasheet HTML 9Page - NEC UPD43256BCZ-85LL Datasheet HTML 10Page - NEC UPD43256BCZ-85LL Datasheet HTML 11Page - NEC UPD43256BCZ-85LL Datasheet HTML 12Page - NEC UPD43256BCZ-85LL Datasheet HTML 13Page - NEC UPD43256BCZ-85LL Datasheet HTML 14Page - NEC UPD43256BCZ-85LL Datasheet HTML 15Page - NEC UPD43256BCZ-85LL Datasheet HTML 16Page - NEC UPD43256BCZ-85LL Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
µPD43256B
Write Cycle Timing Chart 1 (WE Controlled)
tWC
tCW
tAW
tWP
tAS
tWR
tWHZ
tDW
tDH
tOW
Indefinite data out
High
impe-
dance
High
impe-
dance
Data in
Indefinite data out
Address (Input)
CS (Input)
WE (Input)
I/O (Input/Output)
Cautions 1. CS or WE should be fixed to high level during address transition.
2. When I/O pins are in the output state, do not apply to the I/O pins signals that are opposite
in phase with output signals.
Remarks 1. Write operation is done during the overlap time of a low level CS and a low level WE.
2. When WE is at low level, the I/O pins are always high impedance. When WE is at high level,
read operation is executed. Therefore OE should be at high level to make the I/O pins high
impedance.
3. If CS changes to low level at the same time or after the change of WE to low level, the I/O pins
will remain high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com