Electronic Components Datasheet Search
  English  ▼

X  

AN2495 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 8Page - STMicroelectronics AN2495 Datasheet HTML 9Page - STMicroelectronics AN2495 Datasheet HTML 10Page - STMicroelectronics AN2495 Datasheet HTML 11Page - STMicroelectronics AN2495 Datasheet HTML 12Page - STMicroelectronics AN2495 Datasheet HTML 13Page - STMicroelectronics AN2495 Datasheet HTML 14Page - STMicroelectronics AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Flyback stage design
AN2495
12/36
Doc ID 13127 Rev 5
For practical considerations, to better optimize the utilization of the transformer window, and
comply with Equation 15 to Equation 18 and Table 2, it can be determined that:
Equation 19
The specifications of the transformer according to the above calculations are listed below.
Application specifications
Safety information - IEC EN60950
●
Vinmin = 250 V DC
●
Vinmax = 850 V DC
●
Poutmax = 80 W
●
Vout = 24 V (power output 80 W)
●
Ioutmax = 3.33 A
●
Vaux = 15 V (to drive the IC < 1 W)
●
Fswmin = 50 kHz (max. load, min. Vin)
●
Vflyback = 250 V
●
Ipeak(primary) = 1.6 A
●
Irms(primary) = 0.65 A
●
Ipeak(secondary) = 16 A
●
Irms(secondary) = 6.5 A
●
Lp (primary inductance) = 1.56 mH
●
Np/Ns = 10
●
Np/Naux = 17
Wires and ferrite used
●
Np = 120 d = 0.28 mm
●
Ns = 12 d = 0.5 mm 3 in parallel
●
Naux = 7 d = 0.28 or smaller
●
The core used is an ETD 34, N67 material from EPCOS or equivalent.
●
Air gap = 1.8 mm
d
s
0.05 cm
[]3inparallel
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com