Electronic Components Datasheet Search
  English  ▼

X  

AN2495 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 14Page - STMicroelectronics AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics AN2495 Datasheet HTML 17Page - STMicroelectronics AN2495 Datasheet HTML 18Page - STMicroelectronics AN2495 Datasheet HTML 19Page - STMicroelectronics AN2495 Datasheet HTML 20Page - STMicroelectronics AN2495 Datasheet HTML 21Page - STMicroelectronics AN2495 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Frequency response and loop compensation
AN2495
18/36
Doc ID 13127 Rev 5
7
Frequency response and loop compensation
The transfer function in the complex frequency domain of the discontinuous current mode
(DCM) flyback converter with L6565 driver is given by:
Equation 36
The parameters and values are listed in Table 3.
It is worth noting that the transfer function has one pole and one zero on the left half plane
and an additional zero on the right half plane. The RHP zero is very difficult, if not
impossible, to compensate and therefore must be kept well beyond the closed-loop
bandwidth. As a result, the transient response of such a system will not be extremely fast.
Poles and zeros are given in Equation 37 and Equation 38:
Equation 37
A good line and load regulation implies a high DC gain, thus the open loop gain should have
a pole at the origin. Normally in this case we need a feedback network like the one in
Figure 7.
Table 3.
Transfer function main parameters
Parameter
Description
Value
n
Primary/secondary turn-ratio
10
RS
Sensing resistor
0.8
Ω
Dmax
Maximum duty-cycle
0.5
ESR
Electrolytic series resistance
16 m
Ω
Rout = Vout/Iout
Output load
7.2
Ω
Cout
Output capacitance
2 mF
Lp
Primary inductance
1.56 mH
G
1 s
()
V
out s
()
V
com p s
()
-----------------------
nR
out
•
1D
max
–
()
•
2R
S
•
1D
ma x
+
()
•
--------------------------------------------------------
1s
C
ou t
•
ESR
•
+
() 1s
L
pDmax
n
2
R
out 1Dmax
–
()
2
-------------------------------------------------
•
–
⎝⎠
⎜⎟
⎛⎞
1s
C
ou tRout
1D
ma x
+
-----------------------
•
+
---------------------------------------------------------------------------------------------------------------------------------
•
=
=
f
p
25Hz f
Z1
3.5
10
5
Hz f
Z2
;
•
510
3
•
Hz
=
=
;
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com