Electronic Components Datasheet Search
  English  ▼

X  

AN2495 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics AN2495 Datasheet HTML 17Page - STMicroelectronics AN2495 Datasheet HTML 18Page - STMicroelectronics AN2495 Datasheet HTML 19Page - STMicroelectronics AN2495 Datasheet HTML 20Page - STMicroelectronics AN2495 Datasheet HTML 21Page - STMicroelectronics AN2495 Datasheet HTML 22Page - STMicroelectronics AN2495 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AN2495
Frequency response and loop compensation
Doc ID 13127 Rev 5
19/36
Figure 7.
Converter feedback network
Its transfer function, which comprises a pole at the origin and a zero-pole pair, is given by:
Equation 38
The task of the control loop design is then to determine the transfer function G2(s) to ensure
that the resulting closed-loop system is stable and performs well in terms of dynamic
response, and line and load regulation. It is well known that the characteristics of the closed-
loop system can be inferred from its open loop transfer function properties, that is
G(s) = G1(s) · G2(s).
Frequency response requirements are summarized below:
1.
Optimum dynamic performance requires a large gain bandwidth, that is the open loop
cross-over frequency fC to be typically chosen equal to fsw/5 (fc = 10 kHz).
2.
Phase margin
ϕm comprised between 45° and 90° is used as a design guideline. This
ensures fast transient response with very little ringing. Sometimes this is not enough
and so phase shift should be lower than 180° at any frequency below fC, because
a phase shift over 180° would result in a conditionally stable system.
3.
Good load and line regulation implies a high DC gain (this requirement is ensured by
the feedback network, whose transfer function has a pole at the origin).
First choose a typical value for RL = R22 = 2.7 kΩ.
G
2 s
()
v
co mp s
()
V
out s
()
-----------------------
CTR
max
R
COM P
•
R
BRHCF
------------------------------------------------
1
s
---
•
1s R
H
R
F
+
()C
F
+
1sR
COM PCco mp
+
--------------------------------------------------
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com