Electronic Components Datasheet Search
  English  ▼

X  

AN2495 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 10Page - STMicroelectronics AN2495 Datasheet HTML 11Page - STMicroelectronics AN2495 Datasheet HTML 12Page - STMicroelectronics AN2495 Datasheet HTML 13Page - STMicroelectronics AN2495 Datasheet HTML 14Page - STMicroelectronics AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics AN2495 Datasheet HTML 17Page - STMicroelectronics AN2495 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Base driving circuit design
AN2495
14/36
Doc ID 13127 Rev 5
After selecting the ferrite ring diameter, the minimum primary turns is determined to avoid
core saturation from the preliminarily fixed turn ratio N with 0.2. By applying Faraday's law
and imposing the maximum flux Bmax equal to Bsat/2:
Equation 21
where Bsat is the saturation flux of the core which depends on the magnetic permeability.
During the conduction time, the junction base-emitter of the ESBT can be seen as
a forward-biased diode. To complete the secondary side load loop, the voltage drop on both
diode D and resistor RB must be added in series with the base of the ESBT. The equivalent
secondary side voltage source is given by:
Equation 22
Since the magnetization inductance cannot be neglected, only IP, a fraction of the total
collector current, is transferred to the secondary. As a result, the magnetization current has
to be first as low as possible. Meanwhile, the value of the magnetization inductance must be
taken into account for the proper calculation of transformer primary turns and turns ratio.
The magnetization voltage drop, that is, the voltage at the primary of the current transformer,
can now be easily calculated:
Equation 23
The magnetization current will be:
Equation 24
The number of primary turns should be increased if IMmax is relatively high. The core must
have a window area large enough to hold all primary and secondary windings. Otherwise it
is necessary to choose a bigger core size. Once both core material and size are fixed, the
turn ratio must be adjusted to get the desiderated IC/IB ratio according to Equation 25 below:
Equation 25
where IMmax is the maximum magnetization current.
V
1
N
TP
d
ϕ
dt
------
•
N
TP
A
e
•
ΔB
ΔT
--------
•
N
TP
2
V
1
T
onmax
•
A
e
B
sat
•
--------------------------------
•
=
⇒
≅
=
V
S
V
BEo n
V
D
–
V
RB
2.5V
≅
–
=
V
1
V
S
N
1T
N
2T
----------
•
2.5
1
5
---
•
0.5 V
()
=
=
=
I
Mm ax
V
1 TONm ax
L
TP
----------------------------
=
N
eff
I
P
I
B
-----
I
Cma x
I
Mm ax
–
I
C
5
-----
------------------------------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com