Electronic Components Datasheet Search
  English  ▼

X  

AN2495 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 13Page - STMicroelectronics AN2495 Datasheet HTML 14Page - STMicroelectronics AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics AN2495 Datasheet HTML 17Page - STMicroelectronics AN2495 Datasheet HTML 18Page - STMicroelectronics AN2495 Datasheet HTML 19Page - STMicroelectronics AN2495 Datasheet HTML 20Page - STMicroelectronics AN2495 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AN2495
Startup network design
Doc ID 13127 Rev 5
17/36
6
Startup network design
To allow the circuit to start as soon as the line voltage is applied, it is necessary to pre-
charge both C5 and C8 capacitances.
A resistor connected to the DC bus directly makes the pre-charge of C5 electrolytic
capacitance. The circuit must start at a minimum DC input voltage of 250 V. The current
required by the L6565 driver during the startup time determines the (R1+ R2+ R3+ R4) value.
Considering that the L6565 driver needs a 0.07 mA maximum startup current, we obtain:
Equation 33
Startup resistance must be lower than 3.6 M
Ω to reach the best trade-off between power
dissipation and time-to-start. As a consequence, before choosing the startup resistor, we
must determine the C5 capacitance value, which is set according to another requirement.
C5 must be able to supply the L6565 driver until the steady state behavior of the converter is
established. The time from bench verification is 20 ms maximum. Given a L6565 minimum
hysteresis-voltage (difference between startup threshold and undervoltage threshold)
of 3.7 V, the voltage across C5 must decrease less than 3.7 V during the startup period.
From the L6565 datasheet we know that maximum quiescent current after turn-on is
3.5 mA, so C5 must be chosen such that:
Equation 34
C5 = 33 µF is a good choice to guarantee a good margin.
Finally, we can set the startup resistance value to reduce time-to-start and simultaneously
optimize standby power dissipation. The L6565 has a maximum startup threshold of 14.5 V,
therefore the maximum time-to-start is approximately:
Equation 35
A good choice is to put in series four 200 k
Ω resistors (R1 = R2 = R3 = R4 = 200 kΩ), which
dissipate less than 1 W of standby power.
The pre-charge of C8 base capacitance is carries out by connecting it to the OUT pin of the
L6565 through a diode in series with a 2.2 k
Ω resistor.
R
1
R
2
R
3
R
4
++
+
()
V
inm in
I
SU
----------------
250V
0.07mA
---------------------
3.6 M
Ω
≅
=
<
ΔV
I
Q
Δt
•
C
5
-----------------
3.7V
C
5
3.5mA
20ms
•
3.7V
---------------------------------------
19
μF
≅
>
⇒
<
=
C
5
14.5V
•
V
inm in
R
1
R
2
R
3
R
4
++
+
()
----------------------------------------------------
⎝
⎛
⎠
⎞ I
SU
–
------------------------------------------------------------------------- 2R
1
R
2
R
3
R
4
++
+
()
⇒
808k
Ω
≤
sec
≤
=
Time - to - start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com